Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM70PDL129CDH Datasheet (PDF) - Advanced Micro Devices

AM70PDL129CDH Datasheet PDF - Advanced Micro Devices
Part # AM70PDL129CDH
Download  AM70PDL129CDH Download
File Size   1914.12 Kbytes
Page   127 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS

AM70PDL129CDH Datasheet (PDF)

Go To PDF Page Download Datasheet
AM70PDL129CDH Datasheet PDF - Advanced Micro Devices

Part # AM70PDL129CDH
Download  AM70PDL129CDH Click to download

File Size   1914.12 Kbytes
Page   127 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS

AM70PDL129CDH Datasheet (HTML) - Advanced Micro Devices


AM70PDL129CDH Product details

GENERAL DESCRIPTION (PDL129)

The Am29PDL129H is a 128 Mbit, 3.0 volt-only Page Mode and Simultaneous Read/Write Flash memory device organized as 8 Mwords. The word-wide data (x16) appears on DQ15-DQ0. This device can be programmed in-system or in standard EPROM programmers. A 12.0 V VPP is not required for write or erase operations.



DISTINCTIVE CHARACTERISTICS

MCP Features

■ Consists of Am29PDL127H/Am29PDL129H, 64 Mb pSRAM and two Am29LV640M.

■ Power supply voltage of 2.7 to 3.1 volt

■ High performance (XIP)

   — Access time as fast as 65 ns initial / 25 ns page

■ High performance (Data Storage)

   — Access time as fast as 110 ns initial / 30 ns page

■ Package

   — 93-Ball FBGA

■ Operating Temperature

   — –40°C to +85°C



Flash Memory Features (XIP)

AM29PDL127H/AM29PDL129H

ARCHITECTURAL ADVANTAGES

■ 128 Mbit Page Mode device

   — Page size of 8 words: Fast page read access from random locations within the page

■ Dual Chip Enable inputs (PDL129 only)

   — Two CE# inputs control selection of each half of the memory space

■ Single power supply operation

   — Full Voltage range: 2.7 to 3.1 volt read, erase, and program operations for battery-powered applications

■ Simultaneous Read/Write Operation

   — Data can be continuously read from one bank while executing erase/program functions in another bank

   — Zero latency switching from write to read operations

■ FlexBank Architecture

   — 4 separate banks, with up to two simultaneous operations per device

   PDL127:

       — Bank A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)

       — Bank B: 48 Mbit (32 Kw x 96)

       — Bank C: 48 Mbit (32 Kw x 96)

       — Bank D: 16 Mbit (4 Kw x 8 and 32 Kw x 31)

   PDL129:

       — Bank 1A: 48 Mbit (32 Kw x 96)

       — Bank 1B: 16 Mbit (4 Kw x 8 and 32 Kw x 31)

    — Bank 2A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)

       — Bank 2B: 48 Mbit (32 Kw x 96)

■ SecSiTM (Secured Silicon) Sector region

   — Up to 128 words accessible through a command sequence

   — Up to 64 factory-locked words

   — Up to 64 customer-lockable words

■ Both top and bottom boot blocks in one device

■ Manufactured on 0.13 µm process technology

■ 20-year data retention at 125°C

■ Minimum 1 million erase cycle guarantee per sector



PERFORMANCE CHARACTERISTICS

■ High Performance

   — Page access times as fast as 25 ns

   — Random access times as fast as 65 ns

■ Power consumption (typical values at 10 MHz)

   — 45 mA active read current

   — 25 mA program/erase current

   — 1 µA typical standby mode current



SOFTWARE FEATURES

■ Software command-set compatible with JEDEC 42.4 standard

   — Backward compatible with Am29F and Am29LV families

■ CFI (Common Flash Interface) complaint

   — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices

■ Erase Suspend / Erase Resume

   — Suspends an erase operation to allow read or program operations in other sectors of same bank

■ Unlock Bypass Program command

   — Reduces overall programming time when issuing multiple program command sequences



HARDWARE FEATURES

■ Ready/Busy# pin (RY/BY#)

   — Provides a hardware method of detecting program or erase cycle completion

■ Hardware reset pin (RESET#)

   — Hardware method to reset the device to reading array data

■ WP#/ACC (Write Protect/Acceleration) input

   — At VIL, hardware level protection for the first and last two 4K word sectors.  



 




Similar Part No. - AM70PDL129CDH

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM70PDL129CDH SPANSION-AM70PDL129CDH Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL129CDH66I SPANSION-AM70PDL129CDH66I Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL129CDH66IS SPANSION-AM70PDL129CDH66IS Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL129CDH66IT SPANSION-AM70PDL129CDH66IT Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL129CDH85I SPANSION-AM70PDL129CDH85I Datasheet
1Mb / 127P
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
More results


Similar Description - AM70PDL129CDH

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160C AMD-AM29PL160C_06 Datasheet
843Kb / 44P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
SPANSION
AM70PDL127BDH SPANSION-AM70PDL127BDH Datasheet
2Mb / 128P
2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com