Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BO1220L Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BO1220L Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BO1220L
Download  BO1220L Download
File Size   227.49 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description DIP(20.2mm*12.6mm)

BO1220L Datasheet (PDF)

Go To PDF Page Download Datasheet
BO1220L Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BO1220L
Download  BO1220L Click to download

File Size   227.49 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description DIP(20.2mm*12.6mm)

BO1220L Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BO1220L Product details

Features
DIP(20.2mm*12.6mm)
Features
Ultra Stable
Wide Temperature Range

Applications

Others
Base Stations
Instrumentations




Similar Part No. - BO1220L

ManufacturerPart #DatasheetDescription
logo
Chengdu Xtaltq Technolo...
BO1220L XTAITQ-BO1220L Datasheet
413Kb / 2P
Oven Controlled Crystal Oscillator
BO1220LH3C107DE10 XTAITQ-BO1220LH3C107DE10 Datasheet
413Kb / 2P
Oven Controlled Crystal Oscillator
BO1220LH3C107DN10 XTAITQ-BO1220LH3C107DN10 Datasheet
413Kb / 2P
Oven Controlled Crystal Oscillator
BO1220LH3C107EE10 XTAITQ-BO1220LH3C107EE10 Datasheet
413Kb / 2P
Oven Controlled Crystal Oscillator
BO1220LH3C107EN10 XTAITQ-BO1220LH3C107EN10 Datasheet
413Kb / 2P
Oven Controlled Crystal Oscillator
More results


Similar Description - BO1220L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21244-EP MITSUBISHI-PS21244-EP Datasheet
195Kb / 2P
Generation DIP and Mini-DIP-IPM
PS21065 MITSUBISHI-PS21065 Datasheet
645Kb / 2P
Generation DIP and Mini-DIP-IPM
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
logo
Pasternack Enterprises,...
PE9776 PASTERNACK-PE9776 Datasheet
257Kb / 3P
SMP Female to SMP Female Adapter 12.6mm Long Bullet
logo
Tyco Electronics
2-1825059-9 MACOM-2-1825059-9 Datasheet
89Kb / 1P
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard
logo
Analog Technologies, In...
ATDSC2MM6P ANALOGTECHNOLOGIES-ATDSC2MM6P Datasheet
182Kb / 2P
DIP Socket for DIP Laser Driver
1/5/2021
logo
Huber+Suhner, Inc.
96-___BQSN_ZNG_H-___126C HUBERSUHNER-96-___BQSN_ZNG_H-___126C Datasheet
422Kb / 3P
Dry Loose Tube Glass-Armoured 8x2.2mm LSFH Ø 12.6mm Cca
logo
Xtaltq Technologies Co....
BO1220H XTALTQ-BO1220H Datasheet
233Kb / 2P
DIP(20.2mm*12.6mm)
Mar.27, 2016
BT1220 XTALTQ-BT1220 Datasheet
212Kb / 2P
DIP Package(12.6*20.2mm)
BV1220 XTALTQ-BV1220 Datasheet
194Kb / 2P
SMD Package(12.6×20.2mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com