Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS0507D Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BS0507D Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BS0507D
Download  BS0507D Download
File Size   215.16 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Small size (7.0*5.0mm)

BS0507D Datasheet (PDF)

Go To PDF Page Download Datasheet
BS0507D Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BS0507D
Download  BS0507D Click to download

File Size   215.16 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Small size (7.0*5.0mm)

BS0507D Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BS0507D Product details

Features
Small size (7.0*5.0mm)
SMD
Low Jitter

Applications
● CPU , Graphics , Multimedia A / V clocks
● MPEG / DVD / HDTV clocks
● Laser engine pixel / set - top clocks
● SONET / SDH / ATM clocks
● Fast Ethernet and Gigabit Ethernet clocks




Similar Part No. - BS0507D

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS0507AD3I505CN20 XTALTQ-BS0507AD3I505CN20 Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS0507E XTALTQ-BS0507E Datasheet
214Kb / 2P
Small size (7.0*5.0mm)
BS0507EH3I505XN125 XTALTQ-BS0507EH3I505XN125 Datasheet
214Kb / 2P
Small size (7.0*5.0mm)
More results


Similar Description - BS0507D

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
7.0 x 5.0mm Crystal unit
1/02/2017
logo
Diodes Incorporated
FNETHE025 DIODES-FNETHE025 Datasheet
282Kb / 2P
Application Specific Crystal Oscillator 7.0 x 5.0mm
Rev F 07/13/12
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
logo
Xtaltq Technologies Co....
BS0507E XTALTQ-BS0507E Datasheet
214Kb / 2P
Small size (7.0*5.0mm)
BT0507A XTALTQ-BT0507A Datasheet
275Kb / 3P
SMD Package (7.0×5.0mm)
BT0507E XTALTQ-BT0507E Datasheet
206Kb / 2P
SMD Package(7.0×5.0mm)
BV0507D XTALTQ-BV0507D Datasheet
184Kb / 2P
SMD Package (7.0×5.0mm)
BV0507E XTALTQ-BV0507E Datasheet
331Kb / 2P
Small size (7.0*5.0mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com