Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS2016A Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BS2016A Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BS2016A
Download  BS2016A Download
File Size   231.14 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package

BS2016A Datasheet (PDF)

Go To PDF Page Download Datasheet
BS2016A Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BS2016A
Download  BS2016A Click to download

File Size   231.14 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package

BS2016A Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BS2016A Product details

Features

Typical 2.05 x 1.65 x 0.75 mm ceramic SMD package.
low Power Supply Voltage: 3.3V, 2.5V,1.8V
Conforms to AEC-Q200
Tight symmetry (45 to 55%) available
Tri-state enable/disable

Typical Application
● WLAN/WiMax
● Mobile Phone
● - DSC,Set-top Box,HDTV
Typical Application




Similar Part No. - BS2016A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS2011 ETC1-BS2011 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Shenzhen Bencent Electr...
BS201N BENCENT-BS201N Datasheet
225Kb / 3P
Gas Discharge Tube
More results


Similar Description - BS2016A

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
I533 ILSI-I533 Datasheet
46Kb / 2P
3.2 mm x 5 mm Ceramic Package SMD TCXO
I547 ILSI-I547 Datasheet
47Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD TCXO
I583 ILSI-I583 Datasheet
53Kb / 2P
2.0 mm x 2.5 mm Ceramic Package SMD TCXO
ISM87 ILSI-ISM87 Datasheet
129Kb / 2P
2.5 mm x 3.2 mm Ceramic Package SMD Oscillator
logo
TAITIEN ELECTRONICS CO....
AT-0022-X3-1 TAITIEN-AT-0022-X3-1 Datasheet
334Kb / 1P
1.65 x 1.25 mm SMD Crystal
AT-0022-X3 TAITIEN-AT-0022-X3 Datasheet
331Kb / 1P
1.65 x 1.25 mm SMD Crystal
Rev6 07/2019
logo
Xtaltq Technologies Co....
BS0507A XTALTQ-BS0507A Datasheet
253Kb / 2P
Typical 7.0 x 5.0 x 1.3 mm ceramic SMD package
BS2520A XTALTQ-BS2520A Datasheet
210Kb / 2P
Typical 2.5 x 2.0 x 0.81 mm ceramic SMD package
BS3225A XTALTQ-BS3225A Datasheet
327Kb / 2P
Typical 3.2 x 2.5 x 0.95 mm ceramic SMD package.
BS5032A XTALTQ-BS5032A Datasheet
234Kb / 2P
Typical 5.0 x 3.2 x 1.2 mm ceramic SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com