Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDONCAN1L Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ESDONCAN1L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # ESDONCAN1L
Download  ESDONCAN1L Download
File Size   363.61 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The ESDONCAN1L has been designed to protect the CAN transceiver from ESD and other harmful transient voltage events.

ESDONCAN1L Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDONCAN1L Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # ESDONCAN1L
Download  ESDONCAN1L Click to download

File Size   363.61 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description The ESDONCAN1L has been designed to protect the CAN transceiver from ESD and other harmful transient voltage events.

ESDONCAN1L Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


ESDONCAN1L Product details

Features
• 200 W Peak Power Dissipation per Line (8 x 20 sec Waveform)
• Diode Capacitance Matching
• Low Reverse Leakage Current (< 100 nA)
• Low Capacitance High−Speed FlexRay Data Rates
• IEC Compatibility: − IEC 61000−4−2 (ESD): Level 4
− IEC 61000−4−4 (EFT): 50 A – 5/50 ns
− IEC 61000−4−5 (Lighting) 3.0 A (8/20 s)
• ISO 7637−1, Nonrepetitive EMI Surge Pulse 2, 8.0 A (1 x 50 s)
• ISO 7637−3, Repetitive Electrical Fast Transient (EFT) EMI Surge
Pulses, 50 A (5 x 50 ns)
• Flammability Rating UL 94 V−0
• These are Pb−Free Devices




Similar Part No. - ESDONCAN1L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDONCAN1LT1G ONSEMI-ESDONCAN1LT1G Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
logo
ON Semiconductor
ESDONCAN1LT3G ONSEMI-ESDONCAN1LT3G Datasheet
85Kb / 5P
CAN/CAN-FD Bus Protector
October, 2016 ??Rev. 1
More results


Similar Description - ESDONCAN1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SAC LITTELFUSE-SAC Datasheet
747Kb / 4P
The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
3.0SMC LITTELFUSE-3.0SMC Datasheet
899Kb / 5P
The 3.0SMC series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Guangdong Youtai Semico...
ESD5ZXX UMW-ESD5ZXX Datasheet
299Kb / 5P
The ESD5Zxx Series is designed to protect voltage sensitive components from ESD and transient voltage events.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com