Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376532 Datasheet (PDF) - PHOENIX CONTACT

1376532 Datasheet PDF - PHOENIX CONTACT
Part # 1376532
Download  1376532 Download
File Size   322.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 2-H-5,08-X - PCB header

1376532 Datasheet (PDF)

Go To PDF Page Download Datasheet
1376532 Datasheet PDF - PHOENIX CONTACT

Part # 1376532
Download  1376532 Click to download

File Size   322.78 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 2-H-5,08-X - PCB header

1376532 Datasheet (HTML) - PHOENIX CONTACT


1376532 Product details

PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact surface: Tin,
contact connection type: Pin, number of rows: 1, number of positions: 2, product range: D32H
2,2/..-H, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.8
mm, number of solder pins per potential: 1, plug-in system: CONNEXIS D, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of packaging:
packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Plug-in direction parallel to the PCB
• Easy PCB replacement thanks to plug-in modules
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1376532

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376531 PHOENIX-1376531 Datasheet
707Kb / 13P
D32PC 2,2/10-5,08-X - PCB connector
1376533 PHOENIX-1376533 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-X - PCB header
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
1376538 PHOENIX-1376538 Datasheet
320Kb / 8P
D32H 2,2/ 5-H-5,08-X - PCB header
More results


Similar Description - 1376532

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
1376496 PHOENIX-1376496 Datasheet
322Kb / 8P
D32H 2,2/ 2-H-5,08-Y - PCB header
1376494 PHOENIX-1376494 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-Y - PCB header
1376538 PHOENIX-1376538 Datasheet
320Kb / 8P
D32H 2,2/ 5-H-5,08-X - PCB header
1376542 PHOENIX-1376542 Datasheet
317Kb / 8P
D32H 2,2/10-H-5,08-X - PCB header
1376533 PHOENIX-1376533 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-X - PCB header
1376543 PHOENIX-1376543 Datasheet
318Kb / 8P
D32H 2,2/ 2-V-5,08-X - PCB header
1376541 PHOENIX-1376541 Datasheet
318Kb / 8P
D32H 2,2/ 8-H-5,08-X - PCB header
1378283 PHOENIX-1378283 Datasheet
320Kb / 8P
D32H 2,2/ 5-H-5,08-Y - PCB header
1376540 PHOENIX-1376540 Datasheet
319Kb / 8P
D32H 2,2/ 6-H-5,08-X - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com