Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1732425 Datasheet (PDF) - PHOENIX CONTACT

1732425 Datasheet PDF - PHOENIX CONTACT
Part # 1732425
Download  1732425 Download
File Size   349.5 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/ 6-H-5,0-EX - PCB terminal block

1732425 Datasheet (PDF)

Go To PDF Page Download Datasheet
1732425 Datasheet PDF - PHOENIX CONTACT

Part # 1732425
Download  1732425 Click to download

File Size   349.5 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 2,5/ 6-H-5,0-EX - PCB terminal block

1732425 Datasheet (HTML) - PHOENIX CONTACT


1732425 Product details

PCB terminal block, nominal current: 23 A, nominal cross section: 2.5 mm2, number of
potentials: 6, number of rows: 1, number of positions per row: 6, product range: SPT 2,5/..-H-EX,
pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave soldering,
conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]:
2.5 mm, number of solder pins per potential: 2, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Operation and conductor connection from one direction enable integration into front of device
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1732425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
1732412 PHOENIX-1732412 Datasheet
345Kb / 10P
SPT 2,5/ 5-H-5,0-EX - PCB terminal block
1732438 PHOENIX-1732438 Datasheet
345Kb / 10P
SPT 2,5/ 7-H-5,0-EX - PCB terminal block
1732441 PHOENIX-1732441 Datasheet
345Kb / 10P
SPT 2,5/ 8-H-5,0-EX - PCB terminal block
1732454 PHOENIX-1732454 Datasheet
344Kb / 10P
SPT 2,5/ 9-H-5,0-EX - PCB terminal block
More results


Similar Description - 1732425

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732386 PHOENIX-1732386 Datasheet
64Kb / 3P
PCB terminal block - SPT 2,5/ 2-H-5,0-EX
1732496 PHOENIX-1732496 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 2-V-5,0-EX
1732506 PHOENIX-1732506 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 3-V-5,0-EX
1732519 PHOENIX-1732519 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 4-V-5,0-EX
1732593 PHOENIX-1732593 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/12-V-5,0-EX
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1991011 PHOENIX-1991011 Datasheet
148Kb / 8P
PCB terminal block - SPT 2,5/ 6-H-5,0
1991053 PHOENIX-1991053 Datasheet
77Kb / 5P
PCB terminal block - SPT 2,5/10-H-5,0
1135299 PHOENIX-1135299 Datasheet
344Kb / 11P
PCB terminal block - SPT-THR 2,5/ 6-H-5,0 P26
Jul 6, 2022
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com