Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP Datasheet (PDF) - RFE international

KNP Datasheet PDF - RFE international
Part # KNP
Download  KNP Download
File Size   1219.79 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Wire Wound Resistors

KNP Datasheet (PDF)

Go To PDF Page Download Datasheet
KNP Datasheet PDF - RFE international

Part # KNP
Download  KNP Click to download

File Size   1219.79 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Wire Wound Resistors

KNP Datasheet (HTML) - RFE international


KNP Product details

FEATURES
Operating Temperature: -55 C to +350 C
Power Range: 0.5W ~ 20W
Resistance Range: 0.01 ~ 3K
UL94V-0 Flameproof coating




Similar Part No. - KNP

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
MERITEK ELECTRONICS COR...
KNP MERITEK-KNP Datasheet
111Kb / 1P
Nonflame Wirewound Resistors
logo
YAGEO Corporation
KNP YAGEO-KNP Datasheet
2Mb / 21P
WIREWOUND RESISTORS
April 1, 2024 V.5
logo
Willow Technologies Ltd
KNP-1/2W WILLOW-KNP-1/2W Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Token Electronics Indus...
KNP-1001W0R1FP TOKEN-KNP-1001W0R1FP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
More results


Similar Description - KNP

ManufacturerPart #DatasheetDescription
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
MCKNP03SJ0270A19 ETC2-MCKNP03SJ0270A19 Datasheet
397Kb / 10P
Wire Wound Fixed Resistors
RW1S ETC-RW1S Datasheet
832Kb / 1P
WIRE WOUND RESISTORS
GG102A ETC-GG102A Datasheet
598Kb / 1P
PRECISION WIRE WOUND RESISTORS
5G10A ETC-5G10A Datasheet
557Kb / 1P
PRECISION WIRE WOUND RESISTORS
8G16 ETC-8G16 Datasheet
682Kb / 1P
Precision Wire Wound Resistors
PWR0.5 ETC-PWR0.5 Datasheet
757Kb / 1P
Precision Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
Fusible Wire Wound Resistors
19-JUN-2023
SKN RFE-SKN Datasheet
971Kb / 3P
Wire Wound Resistors
OCT-30-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com