Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE4558 Datasheet (PDF) - NXP Semiconductors

NE4558 Datasheet PDF - NXP Semiconductors
Part # NE4558
Download  NE4558 Download
File Size   85.38 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual general-purpose operational amplifier

NE4558 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE4558 Datasheet PDF - NXP Semiconductors

Part # NE4558
Download  NE4558 Click to download

File Size   85.38 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual general-purpose operational amplifier

NE4558 Datasheet (HTML) - NXP Semiconductors


NE4558 Product details

DESCRIPTION
The 4558 is a dual operational amplifier that is internally compensated. Excellent channel separation allows the use of a dual device in a single amp application, providing the highest packaging density. The NE/SA/SE4558 is a pin-for-pin replacement for the RC/RM/RV4558.
   
FEATURES
• 2MHz unity gain bandwidth guaranteed
• Supply voltage ±22V for SE4558 and ±18V for NE4558
• Short-circuit protection
• No frequency compensation required
• No latch-up
• Large common-mode and differential voltage ranges
• Low power consumption
   




Similar Part No. - NE4558

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
NE4 RICHCO-NE4 Datasheet
39Kb / 1P
CABLE CLAMPS, PLASTISOL DIPPED
logo
NEC
NE41137 NEC-NE41137 Datasheet
208Kb / 2P
N-CHANNEL GAASDUAL-GATE MESFET
NE416 NEC-NE416 Datasheet
579Kb / 13P
NPN MEDIUM POWER UHF-VHF TRANSISTOR
NE4210M01 NEC-NE4210M01 Datasheet
79Kb / 12P
C to Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE4210M01 RENESAS-NE4210M01 Datasheet
193Kb / 14P
HETERO JUNCTION FIELD EFFECT TRANSISTOR
1998
More results


Similar Description - NE4558

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1458 NEC-UPC1458 Datasheet
306Kb / 10P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558 Datasheet
123Kb / 5P
Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_06 Datasheet
1Mb / 16P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_07 Datasheet
408Kb / 7P
Dual General Purpose Operational Amplifier
logo
Texas Instruments
RC4558 TI-RC4558_10 Datasheet
1Mb / 19P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
Dual General Purpose Operational Amplifier
logo
Renesas Technology Corp
PC1458 RENESAS-PC1458_15 Datasheet
355Kb / 11P
GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1558 TI1-MC1558 Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
Dual General-Purpose Operational Amplifier
MC1558-DIE TI1-MC1558-DIE Datasheet
109Kb / 4P
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com