Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN337N Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDN337N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDN337N
Download  FDN337N Download
File Size   419.81 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 30 V (D-S) MOSFET

FDN337N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN337N Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN337N
Download  FDN337N Click to download

File Size   419.81 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 30 V (D-S) MOSFET

FDN337N Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDN337N Product details

Features
High density cell design for extremely low RDS(ON).
Exceptional on-resistance and maximum DC current capability.
VDS (V) = 30V
D= 2.2A (VGS=4.5V)
RDS(ON) < 65m (VGS = 4.5V)
RDS(ON) < 82m (VGS = 2.5V)




Similar Part No. - FDN337N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN337N FAIRCHILD-FDN337N Datasheet
270Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Texas Instruments
FDN337N TI1-FDN337N Datasheet
1Mb / 34P
Contains all support circuitry needed for the ADS1148/ADS1248
FDN337N TI1-FDN337N Datasheet
2Mb / 27P
Contains all support circuitry needed for the ADS1146/ADS1246
July2009
logo
EVER SEMICONDUCTOR CO.,...
FDN337N EVVOSEMI-FDN337N Datasheet
343Kb / 5P
N-Channel MOSFET
Rev:2022A2
logo
ON Semiconductor
FDN337N ONSEMI-FDN337N Datasheet
380Kb / 7P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
March 1998 Rev.C
More results


Similar Description - FDN337N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com