Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN360 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDN360 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDN360
Download  FDN360 Download
File Size   376.95 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Single P-Channel MOSFET

FDN360 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN360 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN360
Download  FDN360 Click to download

File Size   376.95 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Single P-Channel MOSFET

FDN360 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDN360 Product details

Features
Low gate charge (6.2 nC typical)
High performance trench technology for extremely low RDS(ON) .
High power version of industry Standard SOT-23 package.
higher power handling capability.
VDS (V) = -30V
D= -2A (VGS=10V)
RDS(ON) < 80m (VGS = -10V)
RDS(ON) < 125m (VGS = -4.5V)




Similar Part No. - FDN360

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN360 FAIRCHILD-FDN360 Datasheet
231Kb / 8P
Single P-Channel PowerTrenchTM MOSFET
FDN360P FAIRCHILD-FDN360P Datasheet
231Kb / 8P
Single P-Channel PowerTrenchTM MOSFET
logo
ON Semiconductor
FDN360P ONSEMI-FDN360P Datasheet
259Kb / 7P
Single P-Channel, PowerTrench MOSFET
November-2018, Rev. 7
logo
EVER SEMICONDUCTOR CO.,...
FDN360P EVVOSEMI-FDN360P Datasheet
618Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
Rev:2023A2
More results


Similar Description - FDN360

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14407AA-N ELM-TECH-ELM14407AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14409AA-N ELM-TECH-ELM14409AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14419AA-N ELM-TECH-ELM14419AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14427AA-N ELM-TECH-ELM14427AA-N Datasheet
98Kb / 4P
Single P-channel MOSFET
ELM14437AA-N ELM-TECH-ELM14437AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM17415GA-S ELM-TECH-ELM17415GA-S Datasheet
99Kb / 4P
Single P-channel MOSFET
ELM32401LA-S ELM-TECH-ELM32401LA-S Datasheet
270Kb / 4P
Single P-channel MOSFET
ELM32405LA-S ELM-TECH-ELM32405LA-S Datasheet
250Kb / 4P
Single P-channel MOSFET
ELM32409LA-S ELM-TECH-ELM32409LA-S Datasheet
149Kb / 4P
Single P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com