Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8277 Datasheet (PDF) - Analog Devices

LT8277 Datasheet PDF - Analog Devices
Part # LT8277
Download  LT8277 Download
File Size   601.51 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiphase Current Mode Step-Up DC/DC Controller

LT8277 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8277 Datasheet PDF - Analog Devices

Part # LT8277
Download  LT8277 Click to download

File Size   601.51 Kbytes
Page   31 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiphase Current Mode Step-Up DC/DC Controller

LT8277 Datasheet (HTML) - Analog Devices


LT8277 Product details

DESCRIPTION
The LT8277 is a 2-phase constant frequency, current
mode boost and SEPIC controller that drives N-channel
power MOSFETs. The 2-phase interleaved operation
reduces system filtering capacitance requirements. An
internal LDO regulator draws power from VIN or VOUT to
provide a 5V supply for the gate drivers. The fixed
frequency, current-mode architecture results in stable
operation over a wide range of supply and output
voltages. The operating frequency of the LT8277 can be
set over a 100kHz to 2MHz range with an external
resistor or can be synchronized to an external clock
using the SYNC pin. The CLKOUT and SYNC pins allow
multiple LT8277 devices to work together, enabling 4- or
8-phase operation.

FEATURES
 Wide Input Voltage Range: 3V to 40V
 2-Phase Interleaved Operation Reduces Input and
Output Capacitance Requirements
 SPI Interface for Output Voltage Adjustment
 Low Shutdown Current < 1μA
 Internal 5V Low Dropout Voltage Regulator Supplied
from VIN or VOUT
 PGOOD Output Status Reporting Pin
 Programmable Internal Frequency: 100kHz to 2MHz
 Frequency Synchronization
 Clock Output for 4- or 8-Phase Operation
 Spread Spectrum Frequency Modulation (SSFM) for
EMI Reduction
 Available in a 3mm × 4mm 20-Lead Side Solderable
QFN Package
 AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
 Automotive, Telecom, and Industrial Power Supplies




Similar Part No. - LT8277

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT827 LETEX-LT827 Datasheet
103Kb / 3P
Photo DMOS-FET Relay
More results


Similar Description - LT8277

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
12/06-Rev. 0 to Rev. A
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862 Datasheet
612Kb / 40P
Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
logo
Analog Devices
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
logo
Linear Technology
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
Multi-Phase Current Mode Step-Up DC/DC Controller
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com