Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4287 Datasheet (PDF) - Analog Devices

LTC4287 Datasheet PDF - Analog Devices
Part # LTC4287
Download  LTC4287 Download
File Size   2754.36 Kbytes
Page   77 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power Positive Hot Swap Controller with Power Monitor

LTC4287 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4287 Datasheet PDF - Analog Devices

Part # LTC4287
Download  LTC4287 Click to download

File Size   2754.36 Kbytes
Page   77 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Power Positive Hot Swap Controller with Power Monitor

LTC4287 Datasheet (HTML) - Analog Devices


LTC4287 Product details

GENERAL DESCRIPTION
The LTC4287 is an integrated solution for hot swap applications
that allows a board to be safely inserted and removed from a live
backplane. The dual-gate drivers coupled with configurable multimode
startup sequencing and operation optimize the metal-oxide
semiconductor field-effect transistor (MOSFET) safe operating area
(SOA) for a variety of power levels. The circuit breaker timer limits
the MOSFET temperature for reliable protection against overstress.
The SMBus 3.1 interface, PMBus command structure, and onboard
analog-to-digital converters (ADCs) with selectable resolution
and speed allow monitoring of board current, voltage, power, energy,
temperature, and fault status. An optional external, electrically
erasable programmable read only memory (EEPROM) can be used
for part configuration and provide BlackBox capturing of past fault
conditions.
The LTC4287 has additional features to respond to input undervoltages
and overvoltages, to interrupt the host when a fault has occurred,
to notify when the output power is good, to detect insertion
of a board, to turn off the MOSFET if an external supply monitor
fails to indicate power-good within a timeout period, and to auto
reboot after a programmable delay following a host commanded turn-off.

FEATURES
► Drives two gates for high power applications
► Wide input supply voltage range: 6.5 V to 80 V
► Optimizes MOSFET SOA with multimode start-up sequencing
and operation
► Monitors currents, voltages, power, and energy with the ADC
► Limits MOSFET temperature for overstress protection
► Adjustable, 6.6% accurate (5 mV) current limit with foldback
► BlackBox capturing and configuration using an optional external
EEPROM
► SMBus 3.1 interface and PMBus-compliant command structure
► Parallelable controllers for high current levels
► Minimum and maximum ADC measurements logging with alerts
► Available in 48(39)-lead plastic QFN (7 mm × 7 mm) package
► Configurable current foldback

APPLICATIONS
► High availability server backplane systems
► 12 V/24 V/48 V/54 V distributed power systems
► Industrial




Similar Part No. - LTC4287

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4280CUFD LINER-LTC4280CUFD Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280CUFD-PBF LINER-LTC4280CUFD-PBF Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4280CUFD-TR LINER-LTC4280CUFD-TR Datasheet
292Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
More results


Similar Description - LTC4287

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1641 LINER-LT1641 Datasheet
187Kb / 12P
Positive High Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Analog Devices
ADM1175 AD-ADM1175 Datasheet
693Kb / 24P
Hot Swap Controller and Digital Power Monitor with Convert Pin
9/06-Revision 0
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
ADM1176 AD-ADM1176 Datasheet
683Kb / 24P
Hot Swap Controller and I2C짰 Power Monitor with Convert Pin
9/06-Revision 0
logo
National Semiconductor ...
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
ADM1272 AD-ADM1272 Datasheet
578Kb / 57P
High Voltage Positive Hot Swap Controller and Digital Power Monitor with PMBus
3/2020-Rev. A to Rev. B
LTC4284 AD-LTC4284 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
LTC4286 AD-LTC4286 Datasheet
1Mb / 44P
High Power Positive Hot-Swap Controller with Power Monitor via PMBus
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com