Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4673 Datasheet (PDF) - Analog Devices

LTM4673 Datasheet PDF - Analog Devices
Part # LTM4673
Download  LTM4673 Download
File Size   6047.81 Kbytes
Page   132 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management

LTM4673 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4673 Datasheet PDF - Analog Devices

Part # LTM4673
Download  LTM4673 Click to download

File Size   6047.81 Kbytes
Page   132 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management

LTM4673 Datasheet (HTML) - Analog Devices


LTM4673 Product details

DESCRIPTION
The LTM®4683 is a quad 31.25A or single 125A stepdown
μModule® (power micromodule) DC/DC regulator
featuring remote configurability and telemetry monitoring
of power management parameters over PMBus. The
LTM4683 is comprised of digitally programmable analog
control loops, and is optimized for higher bandwidth and
transient response.
The LTM4683’s 2-wire serial interface allows outputs
to be margined, tuned, and ramped up and down at
programmable slew rates with sequencing delay times.
True input current sense, output currents and voltages,
output power, temperatures, uptime and peak values are
readable. Custom configuration of the EEPROM contents
is not required. At start-up, output voltages, switching
frequency, and channel phase angle assignments can be
set by pin-strapping resistors. The LTpowerPlay® graphical
user interface (GUI), DC1613A USB-to-PMBus converter,
and evaluation kits are available.

FEATURES
n Quad Digitally Adjustable Analog Loops with Digital
Interface for Control and Monitoring
n Wide Input Voltage Range: 4.5V to 14V
n Output Voltage Range: 0.3V to 0.7V
n ±0.5% DC Output Accuracy at 0.7V
n ±4.5% Current Readback Accuracy: 0°C to 125°C
n Optimized for Low Output Voltage Ranges
n 400kHz PMBus-Compliant I2C Serial Interface
n Supports Telemetry Polling Rates Up to 125Hz
n Integrated 16-Bit ΔΣ ADC
n Parallel and Current Share Multiple Modules
n 15mm × 22mm × 5.71mm BGA Package
Readable Data
n Input and Output Voltages, Currents, and Temperatures
n Running Peak Values, Uptime, Faults, and Warnings
n Onboard EEPROM Fault Log Record
Writable Data and Configurable Parameters
n Output Voltage, Voltage Sequencing, and Margining
n Digital Soft-Start/Soft-Stop Ramp, Program Analog Loop
n OV/UV/OT, UVLO, Frequency and Phasing

APPLICATIONS
n Multi-Rail Processor Power, Configurable Core Power




Similar Part No. - LTM4673

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4673 AD-LTM4673 Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4673 AD-LTM4673 Datasheet
4Mb / 130P
Low Profile Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
Rev. 0
More results


Similar Description - LTM4673

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676A LINER-LTM4676A Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTC7132 AD-LTC7132 Datasheet
4Mb / 118P
25A, Dual PolyPhase Regulator with Digital Power System Management
LTM4681 AD-LTM4681 Datasheet
3Mb / 132P
Quad 31.25A or Single 125A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com