Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4605 Datasheet (PDF) - Analog Devices

LTM4605 Datasheet PDF - Analog Devices
Part # LTM4605
Download  LTM4605 Download
File Size   3830.76 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator

LTM4605 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4605 Datasheet PDF - Analog Devices

Part # LTM4605
Download  LTM4605 Click to download

File Size   3830.76 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator

LTM4605 Datasheet (HTML) - Analog Devices


LTM4605 Product details

DESCRIPTION
The LTM®4712 is a high efficiency buck-boost μModule
® (micromodule) regulator. The switching controller,
power switches, inductor and support components are
included in the package. The complete design requires
only a few external components, including a resistor to
set frequency, a resistor to set output voltage, input, and
output capacitors, a sensing resistor to achieve input or
output average current regulation. The LTM4712 operates
over a 5V to 36V input voltage range and can regulate
output voltages between 1V and 36V.
The LTM4712 supports selectable forced continuous
mode (FCM)/pulse-skipping mode (PSM) operation. The
current mode control enables a fast transient response
to line and load changes without sacrificing stability. The
SYNC input and CLKOUT output allow easy synchronization.
It supports multi-phase parallel operation for high
power applications.
The LTM4712 is offered in a 16mm × 16mm × 8.34mm
ball grid array (BGA) package suitable for automated
assembly by standard surface mount equipment. The
LTM4712 is RoHS-compliant.

FEATURES
n Complete Buck-Boost Switch Mode Power Supply
n VOUT Equal, Greater, Less Than VIN
n Wide Input Voltage Range: 5V to 36V
n Wide Output Voltage Range: 1V to 36V
n 12A in Buck and Buck-Boost Mode, 6A under 12VIN
and 24VOUT
n Up to 98% Efficiency
n Peak Current Mode Control
n Adjustable Input or Output Average Current Limits
n Input or Output Current Monitoring
n Power Good Output Signal
n Parallelable for Increased Output Current
n Phase-Lockable Fixed Frequency: 100kHz to 600kHz
n Selectable Forced Continuous/Pulse-Skipping Modes
n VOUT is Disconnected from VIN During Shutdown
n 16mm ×16mm × 8.34mm BGA Package

APPLICATIONS
n Telecom, Servers and Networking Equipment
n Industrial Control
n High Power Battery-Operated Devices




Similar Part No. - LTM4605

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
High Effi ciency Buck-Boost DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
491Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTM4605 LINER-LTM4605 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4605 LINER-LTM4605 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTM4605 LINER-LTM4605 Datasheet
516Kb / 26P
36VIN, 8.5A Buck-Boost 關Module Regulator
More results


Similar Description - LTM4605

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
STEP UP & DOWN VOLTAGE REGULATOR
logo
Exar Corporation
SP7662 EXAR-SP7662_12 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
XRP7662 EXAR-XRP7662 Datasheet
1Mb / 19P
12A 300KHz Synchronous Step Down Regulator
logo
Linear Technology
LTM8026 LINER-LTM8026_15 Datasheet
606Kb / 28P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8052A LINER-LTM8052A_15 Datasheet
686Kb / 32P
36VIN, 5A, 2-Quadrant CVCC Step-Down Module Regulator
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
LTM8026_1208 LINER-LTM8026_1208 Datasheet
334Kb / 26P
36VIN, 5A CVCC Step-Down Module Regulator
LTM8054 LINER-LTM8054 Datasheet
608Kb / 8P
36VIN, 5.4A Buck-Boost 36VIN, 5.4A Buck-Boost
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com