Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC Datasheet (PDF) - UN Semiconducctor INC

SAC Datasheet PDF - UN Semiconducctor INC
Part # SAC
Download  SAC Download
File Size   2655.94 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)

SAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC Datasheet PDF - UN Semiconducctor INC

Part # SAC
Download  SAC Click to download

File Size   2655.94 Kbytes
Page   5 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 5.0 To 50V 500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)

SAC Datasheet (HTML) - UN Semiconducctor INC


SAC Product details

Features
Glass passivated junction
500W peak pulse power capability with a 10/1000 μ s waveform,
repetitive rate (duty cycle):0.01 %
Low leakage
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant .




Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
Transient Voltage Suppressors
More results


Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
UN Semiconducctor INC
5KP UNSEMI-5KP Datasheet
4Mb / 8P
5.0 To 440V 5000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
LCE UNSEMI-LCE Datasheet
3Mb / 6P
6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
SACA UNSEMI-SACA Datasheet
2Mb / 4P
5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SACB UNSEMI-SACB Datasheet
2Mb / 5P
5.0 To 50V 500W Low Capacitance Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com