Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUC-075S070DD Datasheet (PDF) - Inventronics Inc.

EUC-075S070DD Datasheet PDF - Inventronics Inc.
Part # EUC-075S070DD
Download  EUC-075S070DD Download
File Size   870.13 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Class II Constant Current IP67 Driver

EUC-075S070DD Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-075S070DD Datasheet PDF - Inventronics Inc.

Part # EUC-075S070DD
Download  EUC-075S070DD Click to download

File Size   870.13 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W Class II Constant Current IP67 Driver

EUC-075S070DD Datasheet (HTML) - Inventronics Inc.


EUC-075S070DD Product details

Features
High Efficiency (Up to 90%)
Active Power Factor Correction (0.99 Typical)
Constant Current Output
0-10V Dimming Control
Input Surge Protection: DM 6 kV
All-Around Protection: SCP, OTP, OVP
IP67
SELV Output
Class II with Double isolation (回)
Suitable for Independent Use

Description
The EUC-075S070DD(SD) series is a 75W, ClassⅡconstant-current LED driver that operates from 90-305 Vac input with excellent power factor. It is created for many lighting applications including low bay, tunnel and street,
etc. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-075S070DD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-075S070DT INVENTRONICS-EUC-075S070DT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075S070DV INVENTRONICS-EUC-075S070DV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075S070DVY INVENTRONICS-EUC-075S070DVY Datasheet
586Kb / 9P
75W Constant Current IP67 Driver for Extreme Cold
Rev. B
More results


Similar Description - EUC-075S070DD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EDC-075S105SV INVENTRONICS-DS-EDC-075S105SV Datasheet
545Kb / 8P
75W Con stant Current IP67 Driver
Rev. C
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-042SXXXDDM INVENTRONICS-EUC-042SXXXDDM Datasheet
1Mb / 9P
42W Class II Constant Current IP66 Driver
Rev. C
EUC-075S070DVY INVENTRONICS-EUC-075S070DVY Datasheet
586Kb / 9P
75W Constant Current IP67 Driver for Extreme Cold
Rev. B
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-075SXXXDV INVENTRONICS-EUC-075SXXXDV Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
150W Class II Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com