Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1773196 Datasheet (PDF) - PHOENIX CONTACT

1773196 Datasheet PDF - PHOENIX CONTACT
Part # 1773196
Download  1773196 Download
File Size   383.91 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-H/SA10/ 6 - PCB terminal block

1773196 Datasheet (PDF)

Go To PDF Page Download Datasheet
1773196 Datasheet PDF - PHOENIX CONTACT

Part # 1773196
Download  1773196 Click to download

File Size   383.91 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-H/SA10/ 6 - PCB terminal block

1773196 Datasheet (HTML) - PHOENIX CONTACT


1773196 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
FRONT 2,5-H/SA10, pitch: 5 mm, connection method: Front screw connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1773196

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
17731 TURCK-17731 Datasheet
362Kb / 3P
Inductive Sensor – With Increased Temperature Range
11/07/2023
logo
PHOENIX CONTACT
1773129 PHOENIX-1773129 Datasheet
151Kb / 4P
HC-HSB6-ESTS
1773132 PHOENIX-1773132 Datasheet
150Kb / 4P
HC-HS 6-EBUS
1773170 PHOENIX-1773170 Datasheet
99Kb / 6P
PCB terminal block - FRONT 2,5-H/SA10/ 4
1773183 PHOENIX-1773183 Datasheet
385Kb / 13P
FRONT 2,5-H/SA10/ 5 - PCB terminal block
More results


Similar Description - 1773196

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700040 PHOENIX-1700040 Datasheet
90Kb / 6P
PCB terminal block - FRONT 2,5-H/SA10
1700053 PHOENIX-1700053 Datasheet
87Kb / 6P
PCB terminal block - FRONT 2,5-V/SA10
1700309 PHOENIX-1700309 Datasheet
79Kb / 5P
PCB terminal block - FRONT 2,5-V/SA10-EX
1700325 PHOENIX-1700325 Datasheet
77Kb / 5P
PCB terminal block - FRONT 2,5-H/SA10-EX
1773170 PHOENIX-1773170 Datasheet
99Kb / 6P
PCB terminal block - FRONT 2,5-H/SA10/ 4
1928615 PHOENIX-1928615 Datasheet
43Kb / 3P
PCB terminal block - FRONT 2,5-H/SA10-EX BK
1704114 PHOENIX-1704114 Datasheet
495Kb / 13P
FRONT 2,5-V/SA10/ 2 - PCB terminal block
1701230 PHOENIX-1701230 Datasheet
362Kb / 11P
FRONT 2,5-V/SA10/ 6 - PCB terminal block
1773219 PHOENIX-1773219 Datasheet
383Kb / 12P
FRONT 2,5-H/SA10/ 8 - PCB terminal block
1773251 PHOENIX-1773251 Datasheet
340Kb / 12P
FRONT 2,5-H/SA10/12 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com