Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5234 Datasheet (PDF) - NXP Semiconductors

SA5234 Datasheet PDF - NXP Semiconductors
Part # SA5234
Download  SA5234 Download
File Size   72.1 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Matched quad high-performance low-voltage operational amplifier

SA5234 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA5234 Datasheet PDF - NXP Semiconductors

Part # SA5234
Download  SA5234 Click to download

File Size   72.1 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Matched quad high-performance low-voltage operational amplifier

SA5234 Datasheet (HTML) - NXP Semiconductors


SA5234 Product details

DESCRIPTION

The NE/SA5234 is a matched, low voltage, high performance quad operational amplifier. Among its unique input and output characteristics is the capability for both input and output rail-to-rail

operation, particularly critical in low voltage applications. The output swings to less than 50mV of both rails across the entire power supply range. The NE/SA5234 is capable of delivering 5.5V

peak-to-peak across a 600Ω load and will typically draw only 700µA per amplifier. The bandwidth is 2.5MHz and the 1% settling time is 1.4µs.



FEATURES

•Wide common-mode input voltage range: 250mV beyond both rails

•Output swing within 50mV of both rails

•Functionality to 1.8V typical

•Low current consumption: 700µA per amplifier

•+15mA output current capability

•Unity gain bandwidth: 2.5MHz

•Slew rate: 0.8V/µs

•Low noise: 25nV/√Hz

•Electrostatic discharge protection

•Short-circuit protection

•Output inversion prevention




Similar Part No. - SA5234

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA5230 PHILIPS-SA5230 Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
SA5230 ONSEMI-SA5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
SA5230 ONSEMI-SA5230 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
NXP Semiconductors
SA5230D PHILIPS-SA5230D Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
ON Semiconductor
SA5230D ONSEMI-SA5230D Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results


Similar Description - SA5234

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
Quad high-performance operational amplifier
August 31, 1994
logo
Intersil Corporation
HA-5104 INTERSIL-HA-5104 Datasheet
34Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
July 1994
logo
NXP Semiconductors
SA5232 PHILIPS-SA5232 Datasheet
91Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
logo
Intersil Corporation
HA-5104883 INTERSIL-HA-5104883 Datasheet
98Kb / 5P
Low Noise, High Performance, Quad Operational Amplifier
April 2002
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
High-Performance Quad Operational Amplifier
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
NE5232 NXP-NE5232 Datasheet
96Kb / 10P
Matched dual high-performance low-voltage operational amplifier
2002 May 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com