Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM2321 Datasheet (PDF) - Mimix Broadband

CMM2321 Datasheet PDF - Mimix Broadband
Part # CMM2321
Download  CMM2321 Download
File Size   279.64 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.4 to 2.5 GHz 1 Watt Power Amplifier

CMM2321 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM2321 Datasheet PDF - Mimix Broadband

Part # CMM2321
Download  CMM2321 Click to download

File Size   279.64 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 2.4 to 2.5 GHz 1 Watt Power Amplifier

CMM2321 Datasheet (HTML) - Mimix Broadband


CMM2321 Product details

General Description
The CMM2321 is a power amplifier intended for use in 2.4 GHz ISM band applications such as wireless datacom equipment, wireless bar code scanners and inter-building campus networks. This flexible amplifier can be biased to support the requirements of frequency hopping or direct sequence systems.

Features
➤ 48% Power Added Efficiency
➤ 31.5 dBm Output Power
➤ Low Distortion
➤ Low Cost SO-8 Surface Mount Package

Applications
➤ Wireless Datacom
➤ Wireless Bar Code Scanners
➤ Inter-Building Campus Networks




Similar Part No. - CMM2321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
2.4 to 2.5 GHz 1 Watt Power Amplifier
CMM2321-AK ETC-CMM2321-AK Datasheet
90Kb / 4P
2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321-AK-000T ETC-CMM2321-AK-000T Datasheet
90Kb / 4P
2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321-AK-000T MIMIX-CMM2321-AK-000T Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
More results


Similar Description - CMM2321

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
RFSP2010 ANADIGICS-RFSP2010 Datasheet
75Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
2.4 to 2.5 GHz 1 Watt Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
2.4~2.5 GHz Power Amplifier
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
2.4-2.5 GHz Power Amplifier
05/2003
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
2.4-2.5 GHz Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
Skyworks Solutions Inc.
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
2.4 to 2.5 GHz WLAN Power Amplifier Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com