Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE531 Datasheet (PDF) - NXP Semiconductors

NE531 Datasheet PDF - NXP Semiconductors
Part # NE531
Download  NE531 Download
File Size   159.93 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High slew rate operational amplifier

NE531 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE531 Datasheet PDF - NXP Semiconductors

Part # NE531
Download  NE531 Click to download

File Size   159.93 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High slew rate operational amplifier

NE531 Datasheet (HTML) - NXP Semiconductors


NE531 Product details

DESCRIPTION

The 531 is a fast slewing high performance operational amplifier which retains DC performance equal to the best general purpose types while providing far superior large-signal AC performance. A unique input stage design allows the amplifier to have a large-signal response nearly identical to its small-signal response. The amplifier is compensated for truly negligible overshoot with a single capacitor.



FEATURES

•35V/µs slew rate at unity gain

•Pin-for-pin replacement for µA709, µA748, or LM101

•Compensated with a single capacitor

•Same low drift offset null circuitry as µA741

•Small-signal bandwidth 1MHz

•Large-signal bandwidth 500kHz

•True op amp DC characteristics make the 531 the ideal answer to all slew rate limited operational amplifier applications




Similar Part No. - NE531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE532 PHILIPS-NE532 Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
NE532D PHILIPS-NE532D Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
NE532N PHILIPS-NE532N Datasheet
122Kb / 12P
Low power dual operational amplifi
2002 Jul 12
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
FET INPUT OPERATIONAL AMPLIFIER
logo
Intersil Corporation
NE536 INTERSIL-NE536 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - NE531

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4510F ROHM-BA4510F Datasheet
43Kb / 4P
Dual high slew rate operational amplifier
BA4560 ROHM-BA4560 Datasheet
53Kb / 4P
Dual high slew rate operational amplifier
logo
Intersil Corporation
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
HA-2520 INTERSIL-HA-2520 Datasheet
98Kb / 6P
Uncompensated, High Slew Rate Operational Amplifier
October 11, 2004
logo
Unisonic Technologies
M2136 UTC-M2136_15 Datasheet
166Kb / 4P
HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com