Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5410 Datasheet (PDF) - NXP Semiconductors

NE5410 Datasheet PDF - NXP Semiconductors
Part # NE5410
Download  NE5410 Download
File Size   104.93 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-Bit high-speed multiplying D/A converter

NE5410 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5410 Datasheet PDF - NXP Semiconductors

Part # NE5410
Download  NE5410 Click to download

File Size   104.93 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 10-Bit high-speed multiplying D/A converter

NE5410 Datasheet (HTML) - NXP Semiconductors


NE5410 Product details

DESCRIPTION

The NE5410/SE5410 are 10-bit Multiplying Digital-to-Analog Converters pin- and function-compatible with the industry-standard MC3410, but with improved performance. These are capable of high-speed performance, and are used as general-purpose building blocks in cost effective D/A systems. The NE/SE5410 provides complete 10-bit accuracy and differential non-linearity over temperature, and a wide compliance voltage range. Segmented current sources, in conjunction with an R/2R DAC, provide the binary weighted currents. The output buffer amplifier and voltage reference have been omitted to allow greater speed, lower cost, and maximum user flexibility.





FEATURES

•Pin- and function-compatible with MC3410

•10-bit resolution and accuracy (±0.05%)

•Guaranteed differential non-linearity over temperature

•Wide compliance voltage range—-2.5 to +2.5V

•Fast settling time—250ns typical

•Digital inputs are TTL- and CMOS-compatible

•High-speed multiplying input slew rate—20mA/µs

•Reference amplifier internally-compensated

•Standard supply voltages +5V and -15V




Similar Part No. - NE5410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE540 ETC1-NE540 Datasheet
176Kb / 1P
LINEAR INTEGRATED CIRCUITS
NE540L ETC1-NE540L Datasheet
176Kb / 1P
LINEAR INTEGRATED CIRCUITS
NE542 ETC1-NE542 Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
NE542N ETC1-NE542N Datasheet
267Kb / 4P
DUAL LOW - NOISE PREAMPLIFIER
NE544 ETC1-NE544 Datasheet
300Kb / 6P
SERVO AMPLIFIER
More results


Similar Description - NE5410

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
DAC08 PHILIPS-DAC08 Datasheet
227Kb / 12P
8-Bit high-speed multiplying D/A converter
August 31, 1994
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
10-Bit high-speed multiplying D/A converter
August 31, 1994
logo
Analog Devices
DAC312 AD-DAC312 Datasheet
269Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV.C
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
10-Bit Multiplying D/A Converter
June 2004
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com