Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358A Datasheet (PDF) - NXP Semiconductors

LM358A Datasheet PDF - NXP Semiconductors
Part # LM358A
Download  LM358A Download
File Size   122.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual operational amplifi

LM358A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358A Datasheet PDF - NXP Semiconductors

Part # LM358A
Download  LM358A Click to download

File Size   122.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual operational amplifi

LM358A Datasheet (HTML) - NXP Semiconductors


LM358A Product details

DESCRIPTION
The 532/358/LM2904 consists of two independent, high gain, internally frequency-compensated operational amplifiers internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages. Operation from dual power supplies is also possible, and the low power supply current drain is independent of the magnitude of the power supply voltage.

UNIQUE FEATURES
In the linear mode the input common-mode voltage range includes ground and the output voltage can also swing to includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. The unity gain cross frequency is temperature-compensated. The input bias current is also temperature-compensated.

FEATURES
• Internally frequency-compensated for unity gain
• Large DC voltage gain: 100 dB
• Wide bandwidth (unity gain): 1 MHz (temperature-compensated)
• Wide power supply range single supply: 3 VDC to 30 VDC, or dual supplies: ±1.5 VDC to ±15 VDC
• Very low supply current drain (400 µA)—essentially independent of supply voltage (1 mW/op amp at +5 VDC)
• Low input biasing current: 45 nADC temperature-compensated
• Low input offset voltage: 2 mVDC, and offset current: 5nADC
• Differential input voltage range equal to the power supply voltage
• Large output voltage: 0 VDC to V+ 1.5 VDC swing




Similar Part No. - LM358A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358A TI-LM358A Datasheet
452Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
LM358A TI-LM358A Datasheet
459Kb / 20P
DUAL OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM358A ONSEMI-LM358A Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
TAITRON Components Inco...
LM358A TAITRON-LM358A Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
logo
ON Semiconductor
LM358A ONSEMI-LM358A Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
More results


Similar Description - LM358A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com