Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5533 Datasheet (PDF) - NXP Semiconductors

NE5533 Datasheet PDF - NXP Semiconductors
Part # NE5533
Download  NE5533 Download
File Size   109.98 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual and single low noise op amp

NE5533 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5533 Datasheet PDF - NXP Semiconductors

Part # NE5533
Download  NE5533 Click to download

File Size   109.98 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual and single low noise op amp

NE5533 Datasheet (HTML) - NXP Semiconductors


NE5533 Product details

DESCRIPTION
The 5533/5534 are dual and single high-performance low noise operational amplifiers. Compared to other operational amplifiers, such as TL083, they show better noise performance, improved output drive capability and considerably higher small-signal and power bandwidths.

FEATURES
• Small-signal bandwidth: 10MHz
• Output drive capability: 600Ω, 10VRMS at VS=±18V
• Input noise voltage: 4nV Hz
• DC voltage gain: 100000
• AC voltage gain: 6000 at 10kHz
• Power bandwidth: 200kHz
• Slew rate: 13V/µs
• Large supply voltage range: ±3 to ±20V

APPLICATIONS
• Audio equipment
• Instrumentation and control circuits
• Telephone channel amplifiers
• Medical equipment




Similar Part No. - NE5533

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A-A CEL-NE5531079A-A Datasheet
382Kb / 8P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
NE5531079A-T1 CEL-NE5531079A-T1 Datasheet
382Kb / 8P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
Renesas Technology Corp
NE5531079A-T1 RENESAS-NE5531079A-T1 Datasheet
240Kb / 11P
7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results


Similar Description - NE5533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV751 NSC-LMV751 Datasheet
259Kb / 8P
Low Noise, Low Vos, Single Op Amp
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
S4558P AUK-S4558P Datasheet
240Kb / 3P
Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
April 13, 2007
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Analog Devices
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
Low Noise Dual OP AMP
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com