Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB3026 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISB3026 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISB3026
Download  ISB3026 Download
File Size   277.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage NPN Power Transistor

ISB3026 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISB3026 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISB3026
Download  ISB3026 Click to download

File Size   277.75 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Voltage NPN Power Transistor

ISB3026 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISB3026 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 700V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= 1.0V(Max) @IC=1A
APPLICATIONS
·Switching Mode Power Supplies
·Electronic Ballasts For Fluorescent Lighting




Similar Part No. - ISB3026

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISB3021 ISC-ISB3021 Datasheet
316Kb / 2P
isc Silicon NPN Power Transistor
2023-9-12
ISB3023 ISC-ISB3023 Datasheet
303Kb / 2P
isc Silicon NPN Power Transistor
ISB3024 ISC-ISB3024 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistors
ISB3025 ISC-ISB3025 Datasheet
279Kb / 2P
isc Silicon NPN Power Transistors
ISB3027 ISC-ISB3027 Datasheet
277Kb / 2P
Silicon NPN Power Transistor
More results


Similar Description - ISB3026

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84S PHILIPS-BUX84S Datasheet
29Kb / 4P
NPN high voltage Power transistor
February 1999 Rev 1.000
logo
STMicroelectronics
STD616A-1 STMICROELECTRONICS-STD616A-1 Datasheet
42Kb / 5P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUXD87 STMICROELECTRONICS-BUXD87 Datasheet
202Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Apr-1999
BUX98APW STMICROELECTRONICS-BUX98APW Datasheet
46Kb / 4P
HIGH VOLTAGE NPN POWER TRANSISTOR
Feb-2002
STD616A STMICROELECTRONICS-STD616A_03 Datasheet
122Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
Jun-2003
logo
Seme LAB
2N6678 SEME-LAB-2N6678 Datasheet
28Kb / 2P
HIGH VOLTAGE NPN POWER TRANSISTOR
logo
STMicroelectronics
STX616 STMICROELECTRONICS-STX616 Datasheet
111Kb / 8P
High voltage NPN power transistor
22-Oct-2007
2ST501T STMICROELECTRONICS-2ST501T Datasheet
154Kb / 6P
HIGH VOLTAGE NPN POWER TRANSISTOR
25-Feb-2005
logo
Cystech Electonics Corp...
TIP50I3 CYSTEKEC-TIP50I3 Datasheet
269Kb / 6P
High Voltage NPN Power Transistor
logo
ON Semiconductor
BUT11AF ONSEMI-BUT11AF Datasheet
60Kb / 8P
High Voltage NPN Power Transistor
March, 2001 ??Rev. 4
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com