Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XQ1004-BD Datasheet (PDF) - Mimix Broadband

XQ1004-BD Datasheet PDF - Mimix Broadband
Part # XQ1004-BD
Download  XQ1004-BD Download
File Size   195.26 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator

XQ1004-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XQ1004-BD Datasheet PDF - Mimix Broadband

Part # XQ1004-BD
Download  XQ1004-BD Click to download

File Size   195.26 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator

XQ1004-BD Datasheet (HTML) - Mimix Broadband


XQ1004-BD Product details

General Description
Mimix Broadbands 7.4-8.6 GHz GaAs HBT VCO is a fully integrated oscillator MMIC with on-chip tuning diode and resonator. This design is based on a cross coupled differential pair with on-chip buffer amplifier and output balun. The use of a high-Q resonator structure and integrated varactor diodes results in optimum phase-noise performance. This MMIC uses Mimix Broadbands 2 um GaAs HBT device model technology to ensure low flicker (1/f ) noise and high reliability. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ On-Chip Resonator
◆ +5.0 dBm Output Power
◆ -97 dBc/Hz @ 100KHz Phase Noise
◆ 20mA @ -5.0V Bias Supply
◆ 100% On-Wafer, DC and Output Power Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - XQ1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-000V MIMIX-XQ1000-BD-000V Datasheet
200Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD-EV1 MIMIX-XQ1000-BD-EV1 Datasheet
200Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD-000V MIMIX-XQ1001-BD-000V Datasheet
197Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
More results


Similar Description - XQ1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
6OSC0460 MIMIX-6OSC0460 Datasheet
277Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
6OSC0461 MIMIX-6OSC0461 Datasheet
279Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0462 MIMIX-7OSC0462 Datasheet
278Kb / 5P
6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
7OSC0463 MIMIX-7OSC0463 Datasheet
279Kb / 5P
6.8-7.9 GHz GaAs MMIC Voltage Controlled Oscillator
8OSC0464 MIMIX-8OSC0464 Datasheet
276Kb / 5P
7.4-8.6 GHz GaAs MMIC Voltage Controlled Oscillator
15OSC0502 MIMIX-15OSC0502 Datasheet
924Kb / 5P
14.7-15.7 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1000-BD MIMIX-XQ1000-BD Datasheet
200Kb / 5P
5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1001-BD MIMIX-XQ1001-BD Datasheet
197Kb / 5P
5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator
XQ1002-BD MIMIX-XQ1002-BD Datasheet
196Kb / 5P
6.4-7.4 GHz GaAs MMIC Voltage Controlled Oscillator
logo
M/A-COM Technology Solu...
MAOC-009262-PKG003 MA-COM-MAOC-009262-PKG003 Datasheet
135Kb / 5P
Voltage Controlled Oscillator 7.4 - 8.2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com