Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376495 Datasheet (PDF) - PHOENIX CONTACT

1376495 Datasheet PDF - PHOENIX CONTACT
Part # 1376495
Download  1376495 Download
File Size   698.03 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32PC 2,2/ 5-5,08-Y - PCB connector

1376495 Datasheet (PDF)

Go To PDF Page Download Datasheet
1376495 Datasheet PDF - PHOENIX CONTACT

Part # 1376495
Download  1376495 Click to download

File Size   698.03 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32PC 2,2/ 5-5,08-Y - PCB connector

1376495 Datasheet (HTML) - PHOENIX CONTACT


1376495 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Socket, number of rows: 1, number of positions: 5, product range: D32PC 2,2/, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1376495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376494 PHOENIX-1376494 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-Y - PCB header
1376496 PHOENIX-1376496 Datasheet
322Kb / 8P
D32H 2,2/ 2-H-5,08-Y - PCB header
1376497 PHOENIX-1376497 Datasheet
728Kb / 13P
D32PC 2,2/ 4-5,08-Y - PCB connector
1376498 PHOENIX-1376498 Datasheet
728Kb / 13P
D32PC 2,2/ 3-5,08-Y - PCB connector
1376499 PHOENIX-1376499 Datasheet
728Kb / 13P
D32PC 2,2/ 2-5,08-Y - PCB connector
More results


Similar Description - 1376495

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376497 PHOENIX-1376497 Datasheet
728Kb / 13P
D32PC 2,2/ 4-5,08-Y - PCB connector
1376499 PHOENIX-1376499 Datasheet
728Kb / 13P
D32PC 2,2/ 2-5,08-Y - PCB connector
1376523 PHOENIX-1376523 Datasheet
728Kb / 13P
D32PC 2,2/ 3-5,08-X - PCB connector
1376524 PHOENIX-1376524 Datasheet
728Kb / 13P
D32PC 2,2/ 4-5,08-X - PCB connector
1378299 PHOENIX-1378299 Datasheet
501Kb / 11P
D32PC 2,2/ 3-5,08-Z - PCB connector
1376527 PHOENIX-1376527 Datasheet
711Kb / 13P
D32PC 2,2/ 6-5,08-X - PCB connector
1378281 PHOENIX-1378281 Datasheet
697Kb / 12P
D32PC 2,2/ 6-5,08-Y - PCB connector
1376498 PHOENIX-1376498 Datasheet
728Kb / 13P
D32PC 2,2/ 3-5,08-Y - PCB connector
1376522 PHOENIX-1376522 Datasheet
728Kb / 13P
D32PC 2,2/ 2-5,08-X - PCB connector
1376525 PHOENIX-1376525 Datasheet
712Kb / 13P
D32PC 2,2/ 5-5,08-X - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com