Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL22326 Datasheet (PDF) - Intersil Corporation

ISL22326 Datasheet PDF - Intersil Corporation
Part # ISL22326
Download  ISL22326 Download
File Size   487.89 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally Controlled Potentiometers

ISL22326 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL22326 Datasheet PDF - Intersil Corporation

Part # ISL22326
Download  ISL22326 Click to download

File Size   487.89 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Digitally Controlled Potentiometers

ISL22326 Datasheet (HTML) - Intersil Corporation


ISL22326 Product details

Low Noise, Low Power, I2C™ Bus, 128 Taps

The ISL22326 integrates two digitally controlled potentiometers (XDCP) and non-volatile memory on a monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated volatile Wiper Register (WR) and a non-volatile Initial Value Register (IVR) that can be directly written to and read by the user. The contents of the WR controls the position of the wiper. At power-up the device recalls the contents of the two DCP’s IVR to the corresponding WRs.

Features
• Two potentiometers in one package
• 128 resistor taps
• I2C serial interface
    - Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70Ω typical @ VCC = 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
• 50kΩor 10kΩ total resistance
• High reliability
    - Endurance: 1,000,000 data changes per bit per register
    - Register data retention: 50 years @ T < +55°C
• 14 Ld TSSOP or 16 Ld QFN package
• Pb-free (RoHS compliant)




Similar Part No. - ISL22326

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
972Kb / 17P
Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22326 INTERSIL-ISL22326 Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22326 RENESAS-ISL22326 Datasheet
913Kb / 21P
Dual Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power, I2C Bus, 128 Taps
Rev.4.00 Sep 16, 2024
logo
Intersil Corporation
ISL22326UFR16Z INTERSIL-ISL22326UFR16Z Datasheet
612Kb / 17P
Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Similar Description - ISL22326

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
Dual Digitally Controlled Potentiometers
March 1, 2005
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
Dual Digitally Controlled Potentiometers
March 4, 2005
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9261 INTERSIL-X9261_06 Datasheet
362Kb / 20P
Dual Digitally-Controlled Potentiometers
October 12, 2006
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
Dual Digitally-Controlled Potentiometers
August 29, 2006
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
Dual Digitally-Controlled Potentiometers
April 17, 2007
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
Dual Digitally Controlled Potentiometers
March 24, 2006
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
Dual Digitally Controlled Potentiometers
October 12, 2006
X93256UV14I-2.7 INTERSIL-X93256UV14I-2.7 Datasheet
186Kb / 7P
Dual Digitally Controlled Potentiometers
February 1, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com