Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378210 Datasheet (PDF) - PHOENIX CONTACT

1378210 Datasheet PDF - PHOENIX CONTACT
Part # 1378210
Download  1378210 Download
File Size   400.19 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32H 2,2/12-PT-5,08-XY - Feed-through plug

1378210 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378210 Datasheet PDF - PHOENIX CONTACT

Part # 1378210
Download  1378210 Click to download

File Size   400.19 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD32H 2,2/12-PT-5,08-XY - Feed-through plug

1378210 Datasheet (HTML) - PHOENIX CONTACT


1378210 Product details

Feed-through connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact
connection type: Pin, number of rows: 2, number of positions: 12, product range: DD32H 2,2/..-
PT, pitch: 5.08 mm, connection method: Crimp connection, conductor/PCB connection direction:
0 °, locking clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1378210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378212 PHOENIX-1378212 Datasheet
402Kb / 11P
DD32H 2,2/ 6-PT-5,08-XY - Feed-through plug
1378214 PHOENIX-1378214 Datasheet
322Kb / 8P
DD32H 2,2/12-V-5,08-XY - PCB header
1378215 PHOENIX-1378215 Datasheet
323Kb / 8P
DD32H 2,2/10-V-5,08-XY - PCB header
1378216 PHOENIX-1378216 Datasheet
324Kb / 8P
DD32H 2,2/ 8-V-5,08-XY - PCB header
1378217 PHOENIX-1378217 Datasheet
323Kb / 8P
DD32H 2,2/ 6-V-5,08-XY - PCB header
More results


Similar Description - 1378210

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376500 PHOENIX-1376500 Datasheet
402Kb / 11P
DD32H 2,2/ 6-PT-5,08-XX - Feed-through plug
1376502 PHOENIX-1376502 Datasheet
400Kb / 11P
DD32H 2,2/12-PT-5,08-XX - Feed-through plug
1378212 PHOENIX-1378212 Datasheet
402Kb / 11P
DD32H 2,2/ 6-PT-5,08-XY - Feed-through plug
1378316 PHOENIX-1378316 Datasheet
326Kb / 8P
DD32H 2,2/ 8-H-5,08-XY - PCB header
1378312 PHOENIX-1378312 Datasheet
400Kb / 11P
DD32H 2,2/12-PT-5,08-YY - Feed-through plug
1378191 PHOENIX-1378191 Datasheet
390Kb / 11P
DD32H 2,2/12-FH-5,08-XY - PCB connector
1378264 PHOENIX-1378264 Datasheet
324Kb / 8P
DD32H 2,2/12-H-5,08-XY - PCB header
1376503 PHOENIX-1376503 Datasheet
397Kb / 11P
DD32H 2,2/20-PT-5,08-XX - Feed-through plug
1378214 PHOENIX-1378214 Datasheet
322Kb / 8P
DD32H 2,2/12-V-5,08-XY - PCB header
1378311 PHOENIX-1378311 Datasheet
402Kb / 11P
DD32H 2,2/ 6-PT-5,08-YY - Feed-through plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com