Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1902437 Datasheet (PDF) - PHOENIX CONTACT

1902437 Datasheet PDF - PHOENIX CONTACT
Part # 1902437
Download  1902437 Download
File Size   1243.57 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/15-STF-5,08 - PCB connector

1902437 Datasheet (PDF)

Go To PDF Page Download Datasheet
1902437 Datasheet PDF - PHOENIX CONTACT

Part # 1902437
Download  1902437 Click to download

File Size   1243.57 Kbytes
Page   22 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/15-STF-5,08 - PCB connector

1902437 Datasheet (HTML) - PHOENIX CONTACT


1902437 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
15, number of rows: 1, number of positions: 15, number of connections: 15, product range: FKCT
2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1902437

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190240004 MOLEX4-190240004 Datasheet
115Kb / 2P
VibraKrimp??Quick Disconnect, Male, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
190240007 MOLEX4-190240007 Datasheet
116Kb / 2P
VibraKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
190240008 MOLEX4-190240008 Datasheet
114Kb / 2P
VibraKrimp??Quick Disconnect, Male, for 14-16 (2.00-1.30) Wire, Box, Tab 4.75mm(.187") x 0.51mm (.020")
logo
PHOENIX CONTACT
1902408 PHOENIX-1902408 Datasheet
156Kb / 5P
MSTBV 2,5/12-GF-5,08
1902408 PHOENIX-1902408 Datasheet
147Kb / 6P
IC 2,5/12-STGF-5,08
More results


Similar Description - 1902437

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873333 PHOENIX-1873333 Datasheet
140Kb / 6P
FKC 2,5/15-STF-5,08
1966907 PHOENIX-1966907 Datasheet
65Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 5-STF-5,08 AU
1902259 PHOENIX-1902259 Datasheet
539Kb / 18P
PCB connector - FKCT 2,5/16-ST-5,08
Nov 30, 2022
1971073 PHOENIX-1971073 Datasheet
785Kb / 19P
PCB connector - SMSTB 2,5/ 3-STF-5,08
1962765 PHOENIX-1962765 Datasheet
1Mb / 21P
TFKC 2,5/ 9-STF-5,08 - PCB connector
1902411 PHOENIX-1902411 Datasheet
1Mb / 22P
FKCT 2,5/13-STF-5,08 - PCB connector
1909414 PHOENIX-1909414 Datasheet
768Kb / 21P
FKCT 2,5/ 3-STF - PCB connector
1860905 PHOENIX-1860905 Datasheet
391Kb / 13P
FKCOW 2,5/15-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com