Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1904435 Datasheet (PDF) - PHOENIX CONTACT

1904435 Datasheet PDF - PHOENIX CONTACT
Part # 1904435
Download  1904435 Download
File Size   271.07 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSB 3/ 9 - PCB terminal block

1904435 Datasheet (PDF)

Go To PDF Page Download Datasheet
1904435 Datasheet PDF - PHOENIX CONTACT

Part # 1904435
Download  1904435 Click to download

File Size   271.07 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSB 3/ 9 - PCB terminal block

1904435 Datasheet (HTML) - PHOENIX CONTACT


1904435 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 9, number of rows: 1, number of positions per row: 9, product range:
MKDSB 3, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.6 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. Item with base

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1904435

ManufacturerPart #DatasheetDescription
logo
MolexKits
19044-0031 MOLEXKITS-19044-0031 Datasheet
38Kb / 2P
Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
19044-0032 MOLEXKITS-19044-0032 Datasheet
39Kb / 3P
Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
19044-0032 MOLEXKITS-19044-0032 Datasheet
40Kb / 4P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
19044-0032 MOLEXKITS-19044-0032 Datasheet
39Kb / 3P
Assorted Non-Insulated 250Quick Disconnect Ring, Spade, Butt Splice and Hook Terminal
19044-0032 MOLEXKITS-19044-0032 Datasheet
39Kb / 3P
Assorted Non-Insulated .250" Quick Disconnect Ring, Spade, Butt Splice and Terminal
More results


Similar Description - 1904435

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1715718 PHOENIX-1715718 Datasheet
60Kb / 5P
PCB terminal block - MKDS 1,5/ 9
1717428 PHOENIX-1717428 Datasheet
50Kb / 4P
PCB terminal block - MKDSB 1,5/ 3-5,08
1730081 PHOENIX-1730081 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/ 9
1733486 PHOENIX-1733486 Datasheet
88Kb / 6P
PCB terminal block - SMKDSP 1,5/ 9
1733842 PHOENIX-1733842 Datasheet
56Kb / 5P
PCB terminal block - MKDS 3/ 9
1869130 PHOENIX-1869130 Datasheet
84Kb / 6P
PCB terminal block - SMKDSN 1,5/ 9
1907542 PHOENIX-1907542 Datasheet
105Kb / 7P
PCB terminal block - ZFKDSA 4-9
1740064 PHOENIX-1740064 Datasheet
106Kb / 4P
PCB terminal block - MKDSFW 3/ 9 BK BD:NZ443519
11/04/2018
1717431 PHOENIX-1717431 Datasheet
257Kb / 9P
MKDSB 3/ 2-5,08 - PCB terminal block
1717460 PHOENIX-1717460 Datasheet
257Kb / 9P
MKDSB 3/ 3 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com