Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1991671 Datasheet (PDF) - PHOENIX CONTACT

1991671 Datasheet PDF - PHOENIX CONTACT
Part # 1991671
Download  1991671 Download
File Size   251.06 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DSA 1,5-5,08-12 - PCB terminal block

1991671 Datasheet (PDF)

Go To PDF Page Download Datasheet
1991671 Datasheet PDF - PHOENIX CONTACT

Part # 1991671
Download  1991671 Click to download

File Size   251.06 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFK3DSA 1,5-5,08-12 - PCB terminal block

1991671 Datasheet (HTML) - PHOENIX CONTACT


1991671 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 36, number of rows: 3, number of positions per row: 12, product
range: ZFK3DS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.4 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Conductor connection on several levels enables higher contact density
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1991671

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1991639 PHOENIX-1991639 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 1-V-3,81-12
logo
Weidmuller
1991640000 WEIDMULLER-1991640000 Datasheet
297Kb / 4P
SCDN-THR 3.81/12/90G 1.5SN BK RL
logo
PHOENIX CONTACT
1991642 PHOENIX-1991642 Datasheet
58Kb / 5P
PCB terminal block - PT 1,5/ 3-5,0-H (1,3)
logo
Weidmuller
1991650000 WEIDMULLER-1991650000 Datasheet
400Kb / 4P
BCL-SMT 3.81/04/90 1.5SN BK RL
1991660000 WEIDMULLER-1991660000 Datasheet
453Kb / 4P
BCL-SMT 3.81/02/90 1.5SN BK RL
More results


Similar Description - 1991671

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1704554 PHOENIX-1704554 Datasheet
59Kb / 4P
PCB terminal block - ZFK3DSA 1,5-6,08
1730227 PHOENIX-1730227 Datasheet
112Kb / 7P
PCB terminal block - MKDSP 1,5/12-5,08
1868788 PHOENIX-1868788 Datasheet
43Kb / 2P
PCB terminal block - ZFK3DSA 1,5-6,08 KMGY
1869318 PHOENIX-1869318 Datasheet
80Kb / 5P
PCB terminal block - SMKDSN 1,5/12-5,08
1891292 PHOENIX-1891292 Datasheet
49Kb / 3P
PCB terminal block - ZFK3DSA 1,5-5,08- 2
1891768 PHOENIX-1891768 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-12
1897791 PHOENIX-1897791 Datasheet
77Kb / 4P
PCB terminal block - EMKDS 1,5/12-5,08
1991684 PHOENIX-1991684 Datasheet
42Kb / 2P
PCB terminal block - ZFK3DSA 1,5-5,08-16
1706167 PHOENIX-1706167 Datasheet
80Kb / 5P
PCB terminal block - ZFK3DSA 1,5-5,08-DS
09/11/2020
1891315 PHOENIX-1891315 Datasheet
240Kb / 8P
ZFK3DSA 1,5-5,08- 4 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com