Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7303 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7303 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7303
Download  IRF7303 Download
File Size   446.3 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual N-Channel MOSFET

IRF7303 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7303 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7303
Download  IRF7303 Click to download

File Size   446.3 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Dual N-Channel MOSFET

IRF7303 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7303 Product details

Generation VTechnology
Ultra Low On-Resistance
Surface Mount
Dynamic dv/dt Rating
Fast Switching
Lead-Free
VDS (V) = 30V
ID = 5.3 A
RDS(ON) 50m (VGS = -10V)
RDS(ON) 80m (VGS = -4.5V)
Features

The SOP-8 has been modied through a customizec
leadframe for enhanced thermal characteristics and
multiple die capability making it ideal in a variety of
power applications.
With these improvements. multiple devices can be
used in an application with dramatically reduced board
space.
The package is designed for vapor phase. intra red. or
wave soldering techniques. Power dissipation of greater
than 0.8W is possible in a typical PCB mount application.




Similar Part No. - IRF7303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
IRF7303 IRF-IRF7303 Datasheet
113Kb / 9P
Generation V Technology
logo
Kersemi Electronic Co.,...
IRF7303 KERSEMI-IRF7303 Datasheet
780Kb / 9P
Generation V Technology
logo
EVER SEMICONDUCTOR CO.,...
IRF7303 EVVOSEMI-IRF7303 Datasheet
396Kb / 8P
Dual N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7303PBF IRF-IRF7303PBF Datasheet
230Kb / 9P
HEXFET Power MOSFET (VDSS = 30V , RDS(on) = 0.050廓 )
More results


Similar Description - IRF7303

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com