Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7351 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF7351 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF7351
Download  IRF7351 Download
File Size   506.14 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Ultra-Low Gate Impedance

IRF7351 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7351 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF7351
Download  IRF7351 Click to download

File Size   506.14 Kbytes
Page   9 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Ultra-Low Gate Impedance

IRF7351 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF7351 Product details

Applications
 Synchronous Rectifier MOSFET for
Isolated DC-DC Converters
 Low Power Motor Drive Systems


Features
VDS (V) = 60V
ID= 8A (VGS=10V)
 RDS(ON) 23 m (VGS = 10V)




Similar Part No. - IRF7351

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7351 EVVOSEMI-IRF7351 Datasheet
386Kb / 9P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
Synchronous Rectifier MOSFET for Isolated DC-DC Converters
IRF7351PBF IRF-IRF7351PBF Datasheet
288Kb / 10P
Low Power Motor Drive Systems
IRF7351PBF IRF-IRF7351PBF_15 Datasheet
288Kb / 10P
Low Power Motor Drive Systems
More results


Similar Description - IRF7351

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7910TRPBF IRF-IRF7910TRPBF Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
Ultra-Low Gate Impedance
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
Ultra-Low Gate Impedance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com