Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF9388 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

IRF9388 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # IRF9388
Download  IRF9388 Download
File Size   523.33 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

IRF9388 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF9388 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # IRF9388
Download  IRF9388 Click to download

File Size   523.33 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description -30V P-Channel MOSFET

IRF9388 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


IRF9388 Product details

Applications
• Adaptor Input Switch for Notebook PC
Features
(VGS = -10V)
VDS (V) =-30V
ID = -12A
RDS(ON) < 11.9mΩ(VGS=-10V)
Features
25V VGS max
Industry-Standard SO8 Package
RoHS Compliant Containing no Lead, no Bromide and no Halogen




Similar Part No. - IRF9388

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9388PBF IRF-IRF9388PBF Datasheet
314Kb / 8P
Adaptor Input Switch for Notebook PC
IRF9388PBF IRF-IRF9388PBF Datasheet
314Kb / 8P
Industry-Standard SO8 Package
IRF9388PBF IRF-IRF9388PBF_15 Datasheet
314Kb / 8P
Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388TR INFINEON-IRF9388TR Datasheet
314Kb / 8P
Industry-Standard SO8 Package
6/4/10
More results


Similar Description - IRF9388

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com