Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG3KB05 Datasheet (PDF) - SMC Diode Solutions Co. LTD

UG3KB05 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # UG3KB05
Download  UG3KB05 Download
File Size   413.68 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 3.0A Glass Passivated Bridge Rectifier

UG3KB05 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG3KB05 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # UG3KB05
Download  UG3KB05 Click to download

File Size   413.68 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 3.0A Glass Passivated Bridge Rectifier

UG3KB05 Datasheet (HTML) - SMC Diode Solutions Co. LTD


UG3KB05 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Designed for surface mount application
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - UG3KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG3KB05 GULFSEMI-UG3KB05 Datasheet
165Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
logo
Guangdong Juxing Electr...
UG3KB05 JUXING-UG3KB05 Datasheet
779Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG3KB05 CHENDA-UG3KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
UG3KB05 ZSELEC-UG3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
More results


Similar Description - UG3KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300G WTE-KBPC300G Datasheet
34Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBPC300G WTE-KBPC300G_06 Datasheet
45Kb / 4P
3.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
GBPC1005 TAITRON-GBPC1005 Datasheet
208Kb / 4P
3.0A Glass Passivated Bridge Rectifier
logo
Zibo Seno Electronic En...
HBS305 ZSELEC-HBS305 Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
TT3A ZSELEC-TT3A Datasheet
118Kb / 2P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301_V01 Datasheet
478Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
UD3KB10 YFWDIODE-UD3KB10 Datasheet
460Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP301 YFWDIODE-KBP301_V02 Datasheet
586Kb / 3P
3.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Burland Technology Solu...
UG3KB05G BURLAND-UG3KB05G Datasheet
362Kb / 5P
UG3KB05G THRU UG3KB100G Single-Phase 3.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
UG3KB05G SMCDIODE-UG3KB05G Datasheet
362Kb / 5P
Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com