Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG4KB05 Datasheet (PDF) - SMC Diode Solutions Co. LTD

UG4KB05 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # UG4KB05
Download  UG4KB05 Download
File Size   385.1 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 4.0A Glass Passivated Bridge Rectifier

UG4KB05 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG4KB05 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # UG4KB05
Download  UG4KB05 Click to download

File Size   385.1 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 4.0A Glass Passivated Bridge Rectifier

UG4KB05 Datasheet (HTML) - SMC Diode Solutions Co. LTD


UG4KB05 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Designed for surface mount application
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - UG4KB05

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG4KB05 GULFSEMI-UG4KB05 Datasheet
160Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
WILLAS ELECTRONIC CORP
UG4KB05 WILLAS-UG4KB05 Datasheet
893Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG4KB05 JUXING-UG4KB05 Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG4KB05 CHENDA-UG4KB05 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
More results


Similar Description - UG4KB05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU4005 DIODES-GBU4005 Datasheet
54Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21225 Rev. D-2
logo
Won-Top Electronics
GBJ4A WTE-GBJ4A Datasheet
61Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL00 WTE-GBL00 Datasheet
46Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A WTE-GBU4A_06 Datasheet
59Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBL400G WTE-KBL400G_06 Datasheet
45Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
KBU400G WTE-KBU400G_06 Datasheet
51Kb / 4P
4.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Diodes Incorporated
GBU410 DIODES-GBU410 Datasheet
72Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
Rev erse
logo
Sangdest Microelectroni...
UG4KB05 SMC-UG4KB05 Datasheet
178Kb / 4P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
logo
SMC Diode Solutions Co....
GBU4005 SMCDIODE-GBU4005 Datasheet
334Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
GBU4005G SMCDIODE-GBU4005G Datasheet
317Kb / 5P
Single-Phase 4.0A Glass Passivated Bridge Rectifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com