Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP602HST Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP602HST Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP602HST
Download  CMCP602HST Download
File Size   470.31 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket

CMCP602HST Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP602HST Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP602HST
Download  CMCP602HST Click to download

File Size   470.31 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description High Temperature 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket

CMCP602HST Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP602HST Product details

Features
• High Temperature Cable Assembly
• Rugged Design for Permanent Installations
• 2 Socket MS Connector, MIL-C 5015 Style
• IP68 Push On Seal Tight Connector
• Viton Boot
• Yellow FEP Jacketed Cable
• UV, Oil and Chemical Resistant Cable
• Suitable for Class 1 Division 1/2 Locations
• Braided Shield with Drain Wire
• 200°C Temperature Rating
• Lifetime Warranty

Typical Applications
Mates with Industrial Sensors featuring a 2 Pin MS Connector




Similar Part No. - CMCP602HST

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
More results


Similar Description - CMCP602HST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1555.07.06 ETC1-1555.07.06 Datasheet
82Kb / 4P
?쁔ight Seal??IP68 Nylon Cable Grips
logo
STI Vibration Monitorin...
CMCP602H STI-CMCP602H Datasheet
473Kb / 2P
CMCP602H Series High Temperature 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP602L STI-CMCP602L Datasheet
488Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
CMCP602LST STI-CMCP602LST Datasheet
485Kb / 2P
General Purpose 2 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
CMCP603H STI-CMCP603H Datasheet
472Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Yellow FEP Jacket
July 2023
CMCP603HST STI-CMCP603HST Datasheet
475Kb / 2P
High Temperature 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Yellow FEP Jacket
July 2023
CMCP603L STI-CMCP603L Datasheet
501Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Locking Collar Connector – Black TPE Jacket
July 2023
CMCP603LST STI-CMCP603LST Datasheet
485Kb / 2P
General Purpose 3 Socket MS Cable Assembly IP68 Push On Seal Tight Connector – Black TPE Jacket
July 2023
CMCP632H STI-CMCP632H Datasheet
623Kb / 2P
Compact Molded 2 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
CMCP633H STI-CMCP633H Datasheet
653Kb / 2P
Compact Molded 3 Socket MS 5015 Extension Cable High Temperature FEP Jacketed Cable
06/12/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com