Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMCP786T Datasheet (PDF) - STI Vibration Monitoring Inc.

CMCP786T Datasheet PDF - STI Vibration Monitoring Inc.
Part # CMCP786T
Download  CMCP786T Download
File Size   507.34 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Dual Output Top Entry Accelerometer with Temperature 3 Pin MS 5015

CMCP786T Datasheet (PDF)

Go To PDF Page Download Datasheet
CMCP786T Datasheet PDF - STI Vibration Monitoring Inc.

Part # CMCP786T
Download  CMCP786T Click to download

File Size   507.34 Kbytes
Page   2 Pages
Manufacturer  STI [STI Vibration Monitoring Inc.]
Direct Link  https://www.stiweb.com/default.asp
Logo STI - STI Vibration Monitoring Inc.
Description Dual Output Top Entry Accelerometer with Temperature 3 Pin MS 5015

CMCP786T Datasheet (HTML) - STI Vibration Monitoring Inc.


CMCP786T Product details

Features
• Dual Output Accelerometer with Temperature
• 100 mV/g ±10% and 10 mV/°C
• 140°C Max Temperature Range
• ±80 g Dynamic Range
• 3 Pin MS 5015 Connector
• Class 1 Division 2 Approved
• Class 1 Division 1 Approved with IS Barrier or Isolator
• ¼”-28 UNF and M8x1.25 Mounting Studs Included
• Sealed to IP68




Similar Part No. - CMCP786T

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP786T-I STI-CMCP786T-I Datasheet
499Kb / 2P
Dual Top Entry Accelerometer with Temperature Integral Braided Armored Cable
January 2023
CMCP786T-IP STI-CMCP786T-IP Datasheet
534Kb / 2P
Dual Top Entry Accelerometer with Temperature Submersible
January 2023
More results


Similar Description - CMCP786T

ManufacturerPart #DatasheetDescription
logo
STI Vibration Monitorin...
CMCP782A STI-CMCP782A Datasheet
496Kb / 2P
Economical Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP783A STI-CMCP783A Datasheet
489Kb / 2P
Economical Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785A-LF STI-CMCP785A-LF Datasheet
523Kb / 2P
Low Frequency Side Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP785T STI-CMCP785T Datasheet
547Kb / 2P
Dual Output Side Entry Accelerometer with Temperature 3 Pin MS 5015
January 2023
CMCP786A-LF STI-CMCP786A-LF Datasheet
506Kb / 2P
Low Frequency Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP786A STI-CMCP786A Datasheet
503Kb / 2P
General Purpose Top Entry Accelerometer, 2 Pin MS 5015
January 2023
CMCP787A STI-CMCP787A Datasheet
572Kb / 2P
Premium Side Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP787T STI-CMCP787T Datasheet
574Kb / 2P
Premium Dual Output Side Entry Accelerometer with Temperature and 3 Pin MS 5015
July 2023
CMCP788A STI-CMCP788A Datasheet
507Kb / 2P
Premium Top Entry Accelerometer, 2 Pin MS 5015
July 2023
CMCP788T STI-CMCP788T Datasheet
512Kb / 2P
Premium Dual Output Top Entry Accelerometer with Temperature and 3 Pin MS 5015
July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com