Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2471 Datasheet (PDF) - Belden Inc.

2471 Datasheet PDF - Belden Inc.
Part # 2471
Download  2471 Download
File Size   400.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²

2471 Datasheet (PDF)

Go To PDF Page Download Datasheet
2471 Datasheet PDF - Belden Inc.

Part # 2471
Download  2471 Click to download

File Size   400.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²

2471 Datasheet (HTML) - Belden Inc.


2471 Product details

Product Description
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin, A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34
mm²




Similar Part No. - 2471

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2471 KR-2471 Datasheet
24Kb / 2P
Bandpass Filter
logo
Alpha Wire
2471 ALPHAWIRE-2471 Datasheet
92Kb / 4P
Customer Specification
1/4/2023
logo
Keystone Electronics Co...
2471 KEYSTONE-2471 Datasheet
450Kb / 1P
Economical design, available with PC terminals or wire leads
logo
Heyco.
2471 HEYCO-2471 Datasheet
106Kb / 1P
Snap Bushings
logo
Adafruit Industries
2471 ADAFRUIT-2471 Datasheet
202Kb / 3P
Adafruit HUZZAH ESP8266 Breakout
7/16/2015
More results


Similar Description - 2471

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402561 PHOENIX-1402561 Datasheet
106Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 5 m, For valve connector
1402562 PHOENIX-1402562 Datasheet
100Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 10 m, For valve connector
1546657 PHOENIX-1546657 Datasheet
107Kb / 4P
Sensor/actuator cable, 4-position, PUR, orange RAL 2003, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 3 m
logo
Schneider Electric
XZCR1511041C1 SCHNEIDER-XZCR1511041C1 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 1m
Dec 7, 2020
XZCR1511041C2 SCHNEIDER-XZCR1511041C2 Datasheet
96Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 2m
Dec 7, 2020
XZCR1511041C5 SCHNEIDER-XZCR1511041C5 Datasheet
123Kb / 4P
jumper cable XZ - male straight M12 4-pin - female straight M12 4-pin - PUR 5m
Dec 7, 2020
XZCR1512041C1 SCHNEIDER-XZCR1512041C1 Datasheet
98Kb / 4P
jumper cable XZ - male straight M12 4-pin - female elbowed M12 4-pin - PUR 1m
Dec 7, 2020
XZCRB151141C2 SCHNEIDER-XZCRB151141C2 Datasheet
89Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 2m
Dec 7, 2020
XZCRB151141C5 SCHNEIDER-XZCRB151141C5 Datasheet
88Kb / 3P
jumper cable -male straight M12 4 pin-female straight M12 4 pin-PUR shielded 5m
Dec 7, 2020
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com