Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U034A4G Datasheet (PDF) - Belden Inc.

U034A4G Datasheet PDF - Belden Inc.
Part # U034A4G
Download  U034A4G Download
File Size   145.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC-ER XLPE/LSZH, 3G C #4/0 Str BC, XLPE Ins M4, 1 #4 Grnd, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES

U034A4G Datasheet (PDF)

Go To PDF Page Download Datasheet
U034A4G Datasheet PDF - Belden Inc.

Part # U034A4G
Download  U034A4G Click to download

File Size   145.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC-ER XLPE/LSZH, 3G C #4/0 Str BC, XLPE Ins M4, 1 #4 Grnd, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES

U034A4G Datasheet (HTML) - Belden Inc.


U034A4G Product details

Product Description
UL Type TC (1277) XLPE/LSZH, 3+G Conductor 4/0 AWG (19x10) Bare Copper, XLPE Insulation M4 Color Code, 1 4AWG (7x12) Ground Wire, Black LSZH
Outer Jacket, 600V TC-ER 90C Dry/Wet SUN RES




Similar Part No. - U034A4G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U03 ETC2-U03 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
U03 ETC2-U03 Datasheet
657Kb / 17P
TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Tripp Lite. All Rights ...
U030-003 TRIPPLITE-U030-003 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B, M/M), 3-ft.
U030-003-COIL TRIPPLITE-U030-003-COIL Datasheet
159Kb / 2P
USB 2.0 A to Mini-B Coiled Cable (M/M), 3 ft.
U030-006 TRIPPLITE-U030-006 Datasheet
156Kb / 2P
USB 2.0 A to Mini-B Cable (A to 5Pin Mini-B M/M), 6-ft.
More results


Similar Description - U034A4G

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28156AX BELDEN-28156AX Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28169A BELDEN-28169A Datasheet
166Kb / 2P
TC VN/PVC, 4G C #1/06 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
A03044R BELDEN-A03044R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #4 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A034A4B BELDEN-A034A4B Datasheet
139Kb / 2P
TC VN/PVC, 3G C #4/0 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U02102 BELDEN-U02102 Datasheet
144Kb / 2P
TC XLPE/LSZH, 2 C #10 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES
12-22-2023
U03064C BELDEN-U03064C Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #6 Str BC, XLPE Ins, M4, #10 Str BC Grnd, Blk LSZH Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
12-22-2023
U03102G BELDEN-U03102G Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3G C #10 Str BC, XLPE Ins E2, 1 #10 Grnd, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
12-22-2023
U03122 BELDEN-U03122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 3 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
U04122 BELDEN-U04122 Datasheet
145Kb / 2P
TC-ER XLPE/LSZH, 4 C #12 Str BC, XLPE Ins E2, Blk LSZH Jkt, 600V TC-ER 90C Dry/Wet SUN RES
04-14-2023
28174A BELDEN-28174A Datasheet
182Kb / 2P
TC VN/PVC, 3G C #3/04 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com