Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE555D Datasheet (PDF) - NXP Semiconductors

NE555D Datasheet PDF - NXP Semiconductors
Part # NE555D
Download  NE555D Download
File Size   120.19 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Timer

NE555D Datasheet (PDF)

Go To PDF Page Download Datasheet
NE555D Datasheet PDF - NXP Semiconductors

Part # NE555D
Download  NE555D Click to download

File Size   120.19 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Timer

NE555D Datasheet (HTML) - NXP Semiconductors


NE555D Product details

DESCRIPTION
The 555 monolithic timing circuit is a highly stable controller capable of producing accurate time delays, or oscillation. In the time delay mode of operation, the time is precisely controlled by one external resistor and capacitor. For a stable operation as an oscillator, the free running frequency and the duty cycle are both accurately controlled with two external resistors and one capacitor. The circuit may be triggered and reset on falling waveforms, and the output structure can source or sink up to 200mA.

FEATURES
• Turn-off time less than 2µs
• Max. operating frequency greater than 500kHz
• Timing from microseconds to hours
• Operates in both astable and monostable modes
• High output current
• Adjustable duty cycle
• TTL compatible
• Temperature stability of 0.005% per °C

APPLICATIONS
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation




Similar Part No. - NE555D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NE555D FAIRCHILD-NE555D Datasheet
150Kb / 14P
Single Timer
logo
NEC
NE555D NEC-NE555D Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NE555D TI-NE555D Datasheet
405Kb / 24P
PRECISION TIMERS
logo
STMicroelectronics
NE555D STMICROELECTRONICS-NE555D Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
logo
Texas Instruments
NE555D TI-NE555D Datasheet
227Kb / 15P
PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
More results


Similar Description - NE555D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
Texas Instruments
LM555 TI1-LM555 Datasheet
1Mb / 25P
Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com