Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SUR Datasheet (PDF) - RFE international

SUR Datasheet PDF - RFE international
Part # SUR
Download  SUR Download
File Size   15636.61 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description HIGH VOLTAGE ANTI-SURGE RESISTORS

SUR Datasheet (PDF)

Go To PDF Page Download Datasheet
SUR Datasheet PDF - RFE international

Part # SUR
Download  SUR Click to download

File Size   15636.61 Kbytes
Page   2 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description HIGH VOLTAGE ANTI-SURGE RESISTORS

SUR Datasheet (HTML) - RFE international


SUR Product details

FEATURES
Operating Temperature : -40°C to +200°C
Power Range : 0.5W ~ 7W
Resistance Range : 3.3Ω ~ 10KΩ
UL94V-0 Flame proof coating
High surge capability




Similar Part No. - SUR

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SUR JST-SUR Datasheet
54Kb / 3P
Disconnectable Insulation displacement connectors
logo
Sirectifier Semiconduct...
SUR1040CT SIRECTIFIER-SUR1040CT Datasheet
317Kb / 3P
Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
logo
Sangdest Microelectroni...
SUR1060 SMC-SUR1060 Datasheet
144Kb / 5P
ULTRAFAST PLASTIC RECTIFIER
logo
Sirectifier Semiconduct...
SUR1060CT SIRECTIFIER-SUR1060CT Datasheet
317Kb / 3P
Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR120120 SIRECTIFIER-SUR120120 Datasheet
190Kb / 3P
Ultra Fast Recovery Epitaxial Diodes
More results


Similar Description - SUR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR501W220KRJTB TOKEN-RCR501W220KRJTB Datasheet
336Kb / 3P
RCR Anti-Surge Resistors
logo
Rohm
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
Anti-surge Chip Resistors
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
Anti-Surge Thick Film Chip Resistors
logo
Rohm
ESR ROHM-ESR Datasheet
571Kb / 8P
Anti-surge chip resistors
logo
Token Electronics Indus...
RCR TOKEN-RCR Datasheet
419Kb / 5P
Pulse Load Anti-Surge Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com