Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE558D Datasheet (PDF) - NXP Semiconductors

NE558D Datasheet PDF - NXP Semiconductors
Part # NE558D
Download  NE558D Download
File Size   74.33 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad timer

NE558D Datasheet (PDF)

Go To PDF Page Download Datasheet
NE558D Datasheet PDF - NXP Semiconductors

Part # NE558D
Download  NE558D Click to download

File Size   74.33 Kbytes
Page   4 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad timer

NE558D Datasheet (HTML) - NXP Semiconductors


NE558D Product details

DESCRIPTION
The 558 Quad Timers are monolithic timing devices which can be used to produce four independent timing functions. The 558 output sinks current. These highly stable, general purpose controllers can be used in a monostable mode to produce accurate time delays; from microseconds to hours. In the time delay mode of operation, the time is precisely controlled by one external resistor and one capacitor. A stable operation can be achieved by using two of the four timer sections.
The four timer sections in the 558 are edge-triggered; therefore, when connected in tandem for sequential timing applications, no coupling capacitors are required. Output current capability of 100mA is provided in both devices.

FEATURES
• 100mA output current per section
• Edge-triggered (no coupling capacitor)
• Output independent of trigger conditions
• Wide supply voltage range 4.5V to 16V
• Timer intervals from microseconds to hours
• Time period equals RC
• Military qualifications pending

APPLICATIONS
• Sequential timing
• Time delay generation
• Precision timing
• Industrial controls
• Quad one-shot




Similar Part No. - NE558D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NE558D FAIRCHILD-NE558D Datasheet
43Kb / 6P
Quad Timer
More results


Similar Description - NE558D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
Integrated Circuit Quad Timer
logo
Fairchild Semiconductor
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
Quad Timer
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
Quad Timer
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
Quad Precision Timer/Driver
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
Quad Timer
July 8, 1988
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com