Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378554 Datasheet (PDF) - PHOENIX CONTACT

1378554 Datasheet PDF - PHOENIX CONTACT
Part # 1378554
Download  1378554 Download
File Size   346.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 80-FWL - IDC female connectors

1378554 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378554 Datasheet PDF - PHOENIX CONTACT

Part # 1378554
Download  1378554 Click to download

File Size   346.53 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FR 1,27/ 80-FWL - IDC female connectors

1378554 Datasheet (HTML) - PHOENIX CONTACT


1378554 Product details

IDC female connector, nominal current: 1.4 A, Test voltage: 500 V AC, number of positions: 80,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket

Your advantages
• Time savings during the development process with customer-specific simulations for data integrity.
• Design-in support during device development using MCAD/ECAD data and a free sample service.
• Can be ordered pre-assembled: IDC female connectors with flat-ribbon cable enable immediate use in the device
• Gold-plated contacts ensure transfer quality remains stable over the long term




Similar Part No. - 1378554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378550 PHOENIX-1378550 Datasheet
359Kb / 10P
FR 1,27/ 40-FWL - IDC female connectors
1378551 PHOENIX-1378551 Datasheet
354Kb / 10P
FR 1,27/ 50-FWL - IDC female connectors
1378553 PHOENIX-1378553 Datasheet
349Kb / 10P
FR 1,27/ 68-FWL - IDC female connectors
More results


Similar Description - 1378554

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714908 PHOENIX-1714908 Datasheet
85Kb / 5P
IDC female connectors - FP 1,27/ 40-FWL
1714911 PHOENIX-1714911 Datasheet
85Kb / 5P
IDC female connectors - FP 1,27/ 80-FWL
1378542 PHOENIX-1378542 Datasheet
368Kb / 10P
FR 1,27/ 12-FWL - IDC female connectors
1378544 PHOENIX-1378544 Datasheet
374Kb / 10P
FR 1,27/ 16-FWL - IDC female connectors
1378546 PHOENIX-1378546 Datasheet
375Kb / 10P
FR 1,27/ 20-FWL - IDC female connectors
1378548 PHOENIX-1378548 Datasheet
368Kb / 10P
FR 1,27/ 26-FWL - IDC female connectors
1378549 PHOENIX-1378549 Datasheet
363Kb / 10P
FR 1,27/ 32-FWL - IDC female connectors
1378550 PHOENIX-1378550 Datasheet
359Kb / 10P
FR 1,27/ 40-FWL - IDC female connectors
1378551 PHOENIX-1378551 Datasheet
354Kb / 10P
FR 1,27/ 50-FWL - IDC female connectors
1378553 PHOENIX-1378553 Datasheet
349Kb / 10P
FR 1,27/ 68-FWL - IDC female connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com