Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1985409 Datasheet (PDF) - PHOENIX CONTACT

1985409 Datasheet PDF - PHOENIX CONTACT
Part # 1985409
Download  1985409 Download
File Size   356.62 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 1,5/23-3,5-Z - PCB terminal block

1985409 Datasheet (PDF)

Go To PDF Page Download Datasheet
1985409 Datasheet PDF - PHOENIX CONTACT

Part # 1985409
Download  1985409 Click to download

File Size   356.62 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTSA 1,5/23-3,5-Z - PCB terminal block

1985409 Datasheet (HTML) - PHOENIX CONTACT


1985409 Product details

PCB terminal block, nominal current: 8 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 23, number of rows: 1, number of positions per row: 23, product
range: PTSA 1,5, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Zigzag pinning M,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard. Offset soldering legs, two-rowed

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1985409

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19854 DESCO-19854 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
PHOENIX CONTACT
1985412 PHOENIX-1985412 Datasheet
357Kb / 10P
PTSA 1,5/24-3,5-Z - PCB terminal block
logo
Weidmuller
1985420000 WEIDMULLER-1985420000 Datasheet
611Kb / 8P
BLF 5.08HC/04/180 SN YL BX SO
More results


Similar Description - 1985409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1985357 PHOENIX-1985357 Datasheet
143Kb / 8P
PCB terminal block - PTSA 1,5/18-3,5-Z
1985205 PHOENIX-1985205 Datasheet
141Kb / 10P
PCB terminal block - PTSA 1,5/ 3-3,5-Z
09/12/2020
1985263 PHOENIX-1985263 Datasheet
140Kb / 10P
PCB terminal block - PTSA 1,5/ 9-3,5-Z
09/12/2020
1985289 PHOENIX-1985289 Datasheet
141Kb / 10P
PCB terminal block - PTSA 1,5/11-3,5-Z
09/12/2020
1985195 PHOENIX-1985195 Datasheet
374Kb / 11P
PCB terminal block - PTSA 1,5/ 2-3,5-Z
Jun 29, 2022
1985221 PHOENIX-1985221 Datasheet
358Kb / 10P
PCB terminal block - PTSA 1,5/ 5-3,5-Z
Sep 8, 2022
1985234 PHOENIX-1985234 Datasheet
283Kb / 9P
PCB terminal block - PTSA 1,5/ 6-3,5-Z
Nov 30, 2022
1985331 PHOENIX-1985331 Datasheet
358Kb / 10P
PCB terminal block - PTSA 1,5/16-3,5-Z
Sep 8, 2022
1985328 PHOENIX-1985328 Datasheet
287Kb / 9P
PCB terminal block - PTSA 1,5/15-3,5-Z
1985360 PHOENIX-1985360 Datasheet
357Kb / 10P
PTSA 1,5/19-3,5-Z - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com