Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28140A Datasheet (PDF) - Belden Inc.

28140A Datasheet PDF - Belden Inc.
Part # 28140A
Download  28140A Download
File Size   157.62 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28140A Datasheet (PDF)

Go To PDF Page Download Datasheet
28140A Datasheet PDF - Belden Inc.

Part # 28140A
Download  28140A Click to download

File Size   157.62 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR

28140A Datasheet (HTML) - Belden Inc.


28140A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 4 Conductor 10AWG (7x18) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC-ER
90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 28140A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28140AS BELDEN-28140AS Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28140AS-0105000 BELDEN-28140AS-0105000 Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28140AS01010000 BELDEN-28140AS01010000 Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28140AS01020000 BELDEN-28140AS01020000 Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results


Similar Description - 28140A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28143A BELDEN-28143A Datasheet
157Kb / 2P
TC VN/PVC, 7 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A03102R BELDEN-A03102R Datasheet
139Kb / 2P
TC VN/PVC, 3 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A15102 BELDEN-A15102 Datasheet
139Kb / 2P
TC VN/PVC, 15 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-08-2022
27140A BELDEN-27140A Datasheet
157Kb / 2P
TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 90C Dry/Wet SUN RES DIR BUR
05-05-2023
28140AS BELDEN-28140AS Datasheet
192Kb / 2P
TC-ER VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28141A BELDEN-28141A Datasheet
157Kb / 2P
TC VN/PVC, 5 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28145A BELDEN-28145A Datasheet
157Kb / 2P
TC VN/PVC, 9 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
A04102R BELDEN-A04102R Datasheet
139Kb / 2P
TC VN/PVC, 4 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28148A BELDEN-28148A Datasheet
210Kb / 2P
TC VN/PVC, 12 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-28-2023
A04122R BELDEN-A04122R Datasheet
138Kb / 2P
TC VN/PVC, 4 C #12 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com