Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90047 Datasheet (PDF) - NTE Electronics

90047 Datasheet PDF - NTE Electronics
Part # 90047
Download  90047 Download
File Size   15.49 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 1000V CERAMIC DISC

90047 Datasheet (PDF)

Go To PDF Page Download Datasheet
90047 Datasheet PDF - NTE Electronics

Part # 90047
Download  90047 Click to download

File Size   15.49 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description 1000V CERAMIC DISC

90047 Datasheet (HTML) - NTE Electronics


90047 Product details

1000V CERAMIC DISC

The 90000 series is a range of insulated disc, monolythic fixed ceramic capacitors. They are most commonly used in consumer electronics and telecommunication equipment.




Similar Part No. - 90047

ManufacturerPart #DatasheetDescription
logo
Littelfuse
90047 LITTELFUSE-90047 Datasheet
467Kb / 1P
ENGINE START STOP PUSH BUTTON SWITCHES
2019 Rev: 021119
logo
List of Unclassifed Man...
900471 ETC-900471 Datasheet
6Mb / 68P
Contacts
May 2019
900472 ETC-900472 Datasheet
6Mb / 68P
Contacts
May 2019
9004735 ETC-9004735 Datasheet
189Kb / 3P
Self-clinching nuts for metallic materials
logo
Weidmuller
9004740000 WEIDMULLER-9004740000 Datasheet
232Kb / 3P
Wire-end ferrule, Twin wire-end ferrule, 15 mm, 12 mm, blue
October 18, 2021
More results


Similar Description - 90047

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBU ETC2-MCBU Datasheet
135Kb / 4P
Ceramic Disc Capacitors
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
Ceramic Disc Capacitors
logo
Suntan Capacitors
TS15 SUNTAN-TS15 Datasheet
116Kb / 1P
CERAMIC DISC CAPACITOR
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
Ceramic Disc Capacitors
07-Jan-10
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
Ceramic Disc Capacitors
logo
NTE Electronics
89012 NTE-89012 Datasheet
438Kb / 1P
50V CERAMIC DISC
logo
Dubilier
WD DUBILIER-WD Datasheet
359Kb / 6P
CERAMIC DISC
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
Ceramic Disc Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com