Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM3105P Datasheet (PDF) - NXP Semiconductors

OM3105P Datasheet PDF - NXP Semiconductors
Part # OM3105P
Download  OM3105P Download
File Size   36.63 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hybrid integrated circuits for inductive proximity detectors

OM3105P Datasheet (PDF)

Go To PDF Page Download Datasheet
OM3105P Datasheet PDF - NXP Semiconductors

Part # OM3105P
Download  OM3105P Click to download

File Size   36.63 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hybrid integrated circuits for inductive proximity detectors

OM3105P Datasheet (HTML) - NXP Semiconductors


OM3105P Product details

DESCRIPTION

The OM3105P is a hybrid integrated circuit intended for inductive proximity detectors in a tubular construction, especially the M5 hollow stud. The circuit performs a make function (version 1): when actuated, the current flows through the load, which can be for example a LED or an optocoupler. It is also possible to perform a break function when using version OM3115P.



FEATURES

• Extra small dimensions (3 x 20 mm max.)

• Wide supply voltage range (6 to 35 V)

• Supply current typical 1.5 mA (output stage switched off)

• High output current (250 mA max.)

• RC filter on the supply lines

• PNP output transistor protected against transients from the inductive load

• Circuit protected against wrong polarity connection of the supply voltage

• Electronic short-circuit protection

• Detection distance adjustable by a chip resistor (Rd), type 1206

• Only a simple coil in one part is required; e.g. the OM2860 requires a coil in two parts

• Hysteresis adjustable by a chip resistor (Rh), type 0603, for using the OM3105P with other then M5 coils

• Status of the output is shown by a yellow or red LED mounted on the substrate surface

• The OM3105P is also available without a LED, but with an output pad for external LED connection

• A version with a NPN output transistor is available (OM3105P).



 




Similar Part No. - OM3105P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM300L60CMA ETC1-OM300L60CMA Datasheet
70Kb / 3P
OM300L60CMA
logo
NXP Semiconductors
OM361 PHILIPS-OM361 Datasheet
263Kb / 6P
HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLIFIER
December 1980
OM370 PHILIPS-OM370 Datasheet
238Kb / 6P
HYBRID INTEGRATED CIRCUIT VHF/UHF WIDE-BAND AMPLFIER
December 1980
logo
List of Unclassifed Man...
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
More results


Similar Description - OM3105P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
PROXIMITY DETECTORS
Apr-1993
TDA0161 STMICROELECTRONICS-TDA0161_05 Datasheet
559Kb / 12P
Proximity Detectors
12-Oct-2005
TDE0160 STMICROELECTRONICS-TDE0160_05 Datasheet
590Kb / 18P
Proximity Detectors
18-Nov-2005
logo
Baumer IVO GmbH & Co. K...
IFRM-03N1505-CS35L IVO-IFRM-03N1505-CS35L Datasheet
77Kb / 1P
Inductive proximity switch
IFRM-03P1713-L IVO-IFRM-03P1713-L Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N15A1-KS35PL IVO-IFRM-04N15A1-KS35PL Datasheet
76Kb / 1P
Inductive proximity switch
IFRM-04N17A1-S35L IVO-IFRM-04N17A1-S35L Datasheet
75Kb / 1P
Inductive proximity switch
IFRM-04N17A1-PL IVO-IFRM-04N17A1-PL Datasheet
71Kb / 1P
Inductive proximity switch
IFRM-04N17A3-S35L IVO-IFRM-04N17A3-S35L Datasheet
74Kb / 1P
Inductive proximity switch
IFRM-04N35A3-S05L IVO-IFRM-04N35A3-S05L Datasheet
74Kb / 1P
Inductive proximity switch
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com