Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIMRJ45 Datasheet (PDF) - CamdenBoss Ltd.

CIMRJ45 Datasheet PDF - CamdenBoss Ltd.
Part # CIMRJ45
Download  CIMRJ45 Download
File Size   263.84 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description RJ45 interface module

CIMRJ45 Datasheet (PDF)

Go To PDF Page Download Datasheet
CIMRJ45 Datasheet PDF - CamdenBoss Ltd.

Part # CIMRJ45
Download  CIMRJ45 Click to download

File Size   263.84 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description RJ45 interface module

CIMRJ45 Datasheet (HTML) - CamdenBoss Ltd.


CIMRJ45 Product details

Product ove r v i ew
• Single RJ45 (8P8C) type socket to
screw terminals
• Terminals marked 1 to 8 (+ shield)
• Separate shield connection
• 35mm DIN Rail mounting
• Option for 32mm (G) rail mounting
• 45° terminals for easy access
• RoHS compliant
• SVHC free (2012)
• Optional wall mounting plates are
available (CIME/M/MPR)
• Connect Profinet cable: Yellow (TD+)
Pin 1, Orange (TD-) Pin 2, White (RD+)
Pin 3, Blue (RD-) Pin 6. Shield to Shield




Similar Part No. - CIMRJ45

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CIMR-AC2A0004FAA OMRON-CIMR-AC2A0004FAA Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
CIMR-AC2A0006FAA OMRON-CIMR-AC2A0006FAA Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
CIMR-AC2A0010FAA OMRON-CIMR-AC2A0010FAA Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
CIMR-AC2A0012FAA OMRON-CIMR-AC2A0012FAA Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
CIMR-AC2A0021FAA OMRON-CIMR-AC2A0021FAA Datasheet
3Mb / 28P
CIMR-AC4A0250AAA
More results


Similar Description - CIMRJ45

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFCIS3-COMBO4-4S XFMRS-XFCIS3-COMBO4-4S Datasheet
104Kb / 2P
LINE INTERFACE MODULE
logo
PHOENIX CONTACT
2900701 PHOENIX-2900701 Datasheet
58Kb / 4P
Interface module - VIP-3/SC/RJ45
logo
Pepperl+Fuchs Inc.
VLX-F231-B6 PF-VLX-F231-B6 Datasheet
193Kb / 2P
Interface module
VLX-F231-B17 PF-VLX-F231-B17 Datasheet
747Kb / 3P
Interface module
VLX-F231-B25 PF-VLX-F231-B25 Datasheet
717Kb / 3P
Interface module
WCS-DG310 PF-WCS-DG310 Datasheet
208Kb / 2P
WCS interface module
WCS-IS311 PF-WCS-IS311 Datasheet
186Kb / 2P
WCS interface module
logo
WAGO Kontakttechnik Gmb...
289-544 WAGO-289-544 Datasheet
396Kb / 6P
Interface module
289-652 WAGO-289-652 Datasheet
345Kb / 6P
Interface module
22.11.2021
logo
Pepperl+Fuchs Inc.
SK-KVM PF-SK-KVM Datasheet
1,007Kb / 1P
F.O. interface module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com